Electronic Components Datasheet Search
  English  ▼

X  

SIP42104 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP42104
Description  H-Bridge Driver and Pulse Width Controller for Digital Camera Micro Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP42104 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP42104 Datasheet HTML 3Page - Vishay Siliconix SIP42104 Datasheet HTML 4Page - Vishay Siliconix SIP42104 Datasheet HTML 5Page - Vishay Siliconix SIP42104 Datasheet HTML 6Page - Vishay Siliconix SIP42104 Datasheet HTML 7Page - Vishay Siliconix SIP42104 Datasheet HTML 8Page - Vishay Siliconix SIP42104 Datasheet HTML 9Page - Vishay Siliconix SIP42104 Datasheet HTML 10Page - Vishay Siliconix SIP42104 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Vishay Siliconix
SiP42104
Document Number: 74633
S-80224-Rev. C, 04-Feb-08
www.vishay.com
9
TYPICAL WAVEFORMS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?74633.
5 µs/div
VIN = 2.8 V, RLOAD = 18 Ω, LLOAD = 80 µH
Inductive Discharge OUT1 to OUT2
50 ns/div
VIN = 2.8 V, RLOAD = 18 Ω, LLOAD = 80 µH
Rising Edge TBBM
VOUT (1 V/div)
VIN (500 mV/div)
VRC (500 mV/div)
IOUT (50 mA/div)
VOUT (1 V/div)
5 µs/div
VIN = 2.8 V, RLOAD = 18 Ω, LLOAD = 80 µH
Inductive Discharge OUT2 to OUT1
50 ns/div
VIN = 2.8 V, RLOAD = 18 Ω, LLOAD = 80 µH
Falling Edge TBBM
VOUT (1 V/div)
VIN (500 mV/div)
VRC (500 mV/div)
IOUT (50 mA/div)
VOUT (1 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com