Electronic Components Datasheet Search
  English  ▼

X  

SIP43101 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP43101
Description  Dual Output Power Switch with Inverting Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP43101 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP43101 Datasheet HTML 1Page - Vishay Siliconix SIP43101 Datasheet HTML 2Page - Vishay Siliconix SIP43101 Datasheet HTML 3Page - Vishay Siliconix SIP43101 Datasheet HTML 4Page - Vishay Siliconix SIP43101 Datasheet HTML 5Page - Vishay Siliconix SIP43101 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SiP43101
Vishay Siliconix
Document Number: 72640
S-51493, Rev. D—15-Aug-05
www.vishay.com
5
FUNCTIONAL BLOCK DIAGRAM
Short Citcuit
Thermal Shut Down
Reset
UVLO
Reference
Control
Logic
C2
E2
C1
E1
CDEL
VCC
FAULT
IN2B
IN2A
IN1
GND
DETAILED OPERATION
Turn On Delay
The turn on delay prohibits the output switches from being
turned on for a period of time after VCC has passed through
8 V and the undervoltage condition no longer exists. The
UVLO function keeps the external CDEL capacitor discharged
until VCC is greater than 8 V. Subsequently, an internal 2.5-mA
current source charges the capacitor from GND to 4.7 V. A
comparator detects when the voltage on CDEL passes
through 4 V and enables the output switches. The delay time
is a function of the capacitor value and is defined as
1.6 ms/nF.
An external switch can be connected across the capacitor to
disable the output switches and reset the time delay.
Short Circuit and Overcurrent indication
When an overcurrent or short circuit condition occurs on
either switch, the SiP43101 enters a hiccup current limiting
mode. In this mode, the capacitor on CDEL is discharged
down to 3 V, thus turning off the output switches, and then is
charged up to 4 V by a 2.5-
mA internal current source, thus
turning the switches on again. If the overcurrent or short circuit
condition remains this cycle will continue. The switches are
enabled at a very low duty cycle, minimizing the power
dissipation and protecting the switches from damage.
The FAULT output will switch to GND, indicating that an
overload condition or short circuit condition exists.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?72640.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com