Electronic Components Datasheet Search
  English  ▼

X  

SIP43102 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP43102
Description  Dual Output Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP43102 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP43102 Datasheet HTML 1Page - Vishay Siliconix SIP43102 Datasheet HTML 2Page - Vishay Siliconix SIP43102 Datasheet HTML 3Page - Vishay Siliconix SIP43102 Datasheet HTML 4Page - Vishay Siliconix SIP43102 Datasheet HTML 5Page - Vishay Siliconix SIP43102 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
16
15
14
13
1
2
3
4
12
11
10
9
5
6
7
8
VCC
C2
NC
FAULT
E2
CDEL
NC
NC
GND
E1
NC
NC
IN2
C1
Top View
IN1
TSSOP-16
NC
NC
GND
E1
NC
NC
NC
E2
CDEL
12
11
10
1
2
3
94
87
65
13
14
15
16
C1
NC
IN1
IN2
C2
NC
VCC FAULT
Bottom View
PowerPAK MLP-44
SiP43102
Vishay Siliconix
Document Number: 72641
S-50349—Rev. C, 28-Feb-05
www.vishay.com
3
SPECIFICATIONS
Limits
Test Conditions Unless Specified
VCC = 25 V,IN1, IN2 = 0 V, IN1, IN2, INV2 = 5 V
CDEL = 10 nF, TA = TJ
Parameter
Unit
Maxa
Typb
Mina
Test Conditions Unless Specified
VCC = 25 V,IN1, IN2 = 0 V, IN1, IN2, INV2 = 5 V
CDEL = 10 nF, TA = TJ
Symbol
Turn-On Delay
CDEL Maximum Voltage
VDEL
4.7
V
CDEL Threshold
VDELTH
4
V
ICDEL
ICDEL
2.5
mA
FAULT Output
VCESAT Conducting State (On)
VSDON
Load on FAULT v 10 mA
0.4
V
Operating Frequency
Switching Frequency
fSW
25
kHz
Under Voltage Lockout
UVLO Threshold
VUVLO
7.5
8
8.5
V
UVLO Hysteresis
VHYS
0.4
0.5
0.6
V
Thermal Shutdown
Thermal Shutdown Threshold
T
160
_C
Hysteresis
THYS
20
_C
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum (−40_ to 85_C).
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing and are measured at VCC = 12 V unless otherwise noted.
PIN CONFIGURATION
TSSOP-16
ORDERING INFORMATION
Standard-
Part Number
Lead (Pb)-Free
Part Number
Temperature
Range
Marking
SiP43102DQ-T1
SiP43102DQ-T1—E3
−40 to 85_C
43102
PowerPAK MLP-44
ORDERING INFORMATION
Standard
Part Number
Temperature Range
Marking
SiP43102DLP-T1
−40 to 85_C
43102



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com