Electronic Components Datasheet Search
  English  ▼

X  

ISL28107 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28107 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL28107 Datasheet HTML 9Page - Intersil Corporation ISL28107 Datasheet HTML 10Page - Intersil Corporation ISL28107 Datasheet HTML 11Page - Intersil Corporation ISL28107 Datasheet HTML 12Page - Intersil Corporation ISL28107 Datasheet HTML 13Page - Intersil Corporation ISL28107 Datasheet HTML 14Page - Intersil Corporation ISL28107 Datasheet HTML 15Page - Intersil Corporation ISL28107 Datasheet HTML 16Page - Intersil Corporation ISL28107 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ISL28107, ISL28207, ISL28407
13
FN6631.5
October 21, 2011
FIGURE 15. TCIb- vs NUMBER OF AMPLIFIERS, VS = ±5V
FIGURE 16. TCIb- vs NUMBER OF AMPLIFIERS, VS = ±15V
FIGURE 17. OFFSET CURRENT vs TEMPERATURE, VS = ±15V
FIGURE 18. OFFSET CURRENT vs TEMPERATURE, VS =±5V
FIGURE 19. TCIOS- vs NUMBER OF AMPLIFIERS, VS = ±15V
FIGURE 20. TCIOS- vs NUMBER OF AMPLIFIERS, VS = ±5V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C unless otherwise specified. (Continued)
VS = ±5V
0
10
20
30
40
50
60
70
80
90
100
-1.8
-1.4
-1.0
-0.6
-0.2
0.2
0.6
1.0
TCIb- (pA/°C)
VS = ±15V
0
10
20
30
40
50
60
70
80
-1.8
-1.4
-1.0
-0.6
-0.2
0.2
0.6
1.0
TCIb- (pA/°C)
VS = ±15V
-200
-150
-100
-50
0
50
100
150
200
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
-200
-150
-100
-50
0
50
100
150
200
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
0
5
10
15
20
25
30
35
40
45
50
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
TCIOS (pA/°C)
VS = ±5V
0
5
10
15
20
25
30
35
40
45
50
-0.7
-0.5
-0.3
-0.1
0.1
0.3
0.5
0.7
TCIOS (pA/°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com