Electronic Components Datasheet Search
  English  ▼

X  

SIR494DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIR494DP
Description  N-Channel 12-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR494DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIR494DP Datasheet HTML 1Page - Vishay Siliconix SIR494DP Datasheet HTML 2Page - Vishay Siliconix SIR494DP Datasheet HTML 3Page - Vishay Siliconix SIR494DP Datasheet HTML 4Page - Vishay Siliconix SIR494DP Datasheet HTML 5Page - Vishay Siliconix SIR494DP Datasheet HTML 6Page - Vishay Siliconix SIR494DP Datasheet HTML 7Page - Vishay Siliconix SIR494DP Datasheet HTML 8Page - Vishay Siliconix SIR494DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 64824
S09-0874-Rev. A, 18-May-09
www.vishay.com
3
Vishay Siliconix
SiR494DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
16
32
48
64
80
0.0
0.5
1.0
1.5
2.0
2.5
VGS =10 V thru 4 V
VGS =3 V
VDS - Drain-to-Source Voltage (V)
0.0008
0.0010
0.0012
0.0014
0.0016
0.0018
0
163248
64
80
VGS = 10 V
VGS =4.5 V
ID - Drain Current (A)
0
2
4
6
8
10
021
42
63
84
105
ID =20A
VDS =9 V
VDS =6 V
VDS =3 V
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
1
234
5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Crss
0
1700
3400
5100
6800
8500
0246
8
10
12
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
ID =20A
VGS =4.5 V
VGS =10 V
TJ -Junction Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com