Electronic Components Datasheet Search
  English  ▼

X  

SMP11 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMP11
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMP11 Datasheet(HTML) 3 Page - Vishay Siliconix

  SMP11 Datasheet HTML 1Page - Vishay Siliconix SMP11 Datasheet HTML 2Page - Vishay Siliconix SMP11 Datasheet HTML 3Page - Vishay Siliconix SMP11 Datasheet HTML 4Page - Vishay Siliconix SMP11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 88481
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
58
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMP3V3 thru SMP36A
Vishay General Semiconductor
New Product
Notes
(1) Mounted on PCB with 5.0 mm x 5.0 mm copper pad areas attached to each terminal
(2) Mounted on minimum recommended pad layout
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Derating Curve
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Typical thermal resistance, junction to lead (1)
RJL
50
°C/W
Typical thermal resistance, junction to ambient (2)
RJA
250
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMP3V3-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SMP3V3-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SMP11A-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SMP11A-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
td - Pulse Width (µs)
10
0.1
0.1
100
10 000
1
1000
10
1
0.2" x 0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas
TJ - Initial Temperature (°C)
100
0
0
150
200
25
175
50
50
75
25
125
100
75
t - Time (ms)
150
0
04.0
1.0
2.0
100
50
3.0
t
d
t
r = 10 µs
Half Value -
I
PPM
I
PP
2
10/1000 µs Waveform
as defined by R.E.A.
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
Peak Value
I
PPM
Measured at
Zero Bias
Measured at
Stand-Off
Voltage, V
WM
VWM - Reverse Stand-Off Voltage (V)
10 000
10
1100
10
1000
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com