Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 2Page - Texas Instruments AM1808 Datasheet HTML 3Page - Texas Instruments AM1808 Datasheet HTML 4Page - Texas Instruments AM1808 Datasheet HTML 5Page - Texas Instruments AM1808 Datasheet HTML 6Page - Texas Instruments AM1808 Datasheet HTML 7Page - Texas Instruments AM1808 Datasheet HTML 8Page - Texas Instruments AM1808 Datasheet HTML 9Page - Texas Instruments AM1808 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 262 page
background image
AM1808
SPRS653C
– FEBRUARY 2010 – REVISED DECEMBER 2011
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS653B device-specific data
manual to make it an SPRS653C revision. This device is now in the production data (PD) stage of
development.
Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 2.5.1, Pin Map (Bottom View):
Section 2.5
Pin Assignments
•
Added overbar for pin U9 in Figure 2-1.
Section 2.7.26, Reserved and No Connect
Section 2.7
Terminal Functions
•
Deleted M2, N4, P1, and P2 pins, which are SATA_VDD pins.
Section 3.1, Boot Modes:
Section 3
Device Configuration
•
Added MMC/SD0 Boot for Silicon Revision 2.1.
Table 5-1, Reset Timing Requirements:
Section 5.4
•
Updated td(RSTH-RESETOUTH) Warm Reset MIN values to 4096 and removed MAX values.
Reset
•
Updated td(RSTH-RESETOUTH) Power-on Reset MIN values to 6169 and removed MAX values.
Section 5.5
Crystal Oscillator or External
Added paragraph detailing CLKMODE bit settings.
Clock Input
Table 5-5, Maximum Internal Clock Frequencies at Each Voltage Operating Point:
Section 5.6.3
Dynamic Voltage and
•
Updated PLL1_SYSCLK3 to 75 MHz for all voltages.
Frequency Scaling (DVFS)
•
Updated ASYNC1, ASYNC Mode 1.1 NOM value to 75 MHz.
Section 5.13
Section 5.13.1, MMCSD Peripheral Description:
MMC / SD / SDIO (MMCSD0,
•
Added bullet for SD high capacity support
MMCSD1)
Table 5-120, Timing Requirements for VPIF Channels 0/1 Video Capture Data and Control Inputs:
Section 5.27
Video Port Interface (VPIF)
•
Updated th(VKIH-VDINV) 1.3V MIN to 0.5.
6
Contents
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com