Electronic Components Datasheet Search
  English  ▼

X  

SS10P3C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS10P3C
Description  High Current Density Surface Mount Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10P3C Datasheet(HTML) 1 Page - Vishay Siliconix

  SS10P3C Datasheet HTML 1Page - Vishay Siliconix SS10P3C Datasheet HTML 2Page - Vishay Siliconix SS10P3C Datasheet HTML 3Page - Vishay Siliconix SS10P3C Datasheet HTML 4Page - Vishay Siliconix SS10P3C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89035
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 10-May-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Schottky Barrier Rectifiers
SS10P3C, SS10P4C
Vishay General Semiconductor
New Product
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters, freewheeling
diodes,
DC/DC
converters
and
polarity
protection
application.
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
PRIMARY CHARACTERISTICS
IF(AV)
2 x 5.0 A
VRRM
30 V, 40 V
IFSM
200 A
EAS
20 mJ
VF at IF = 5 A
0.37 V
TJ max.
150 °C
TO-277A (SMPC)
K
2
1
Anode 1
Anode 2
Cathode
K
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS10P3C
SS10P4C
UNIT
Device marking code
S103C
S104C
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Maximum average forward rectified current (fig. 1)
total device
IF(AV)
10
A
per diode
5.0
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Non-repetitive avalanche energy at 25 °C, IAS = 2 A per diode
EAS
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SS10P3C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS10P3C VISHAY-SS10P3C Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
30-Jul-08
SS10P3C VISHAY-SS10P3C Datasheet
98Kb / 6P
Schottky Barrier Rectifiers
17-Jan-14
SS10P3C VISHAY-SS10P3C Datasheet
101Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifiers
24-Apr-2020
SS10P3CL VISHAY-SS10P3CL Datasheet
110Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
30-Jul-08
SS10P3CL VISHAY-SS10P3CL Datasheet
98Kb / 5P
High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
10-May-11
More results

Similar Description - SS10P3C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS1P3 VISHAY-SS1P3 Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-May-08
SS5P9 VISHAY-SS5P9 Datasheet
110Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jul-08
SS5P3 VISHAY-SS5P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS5P5 VISHAY-SS5P5_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
28-Jun-11
SS10P3 VISHAY-SS10P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
logo
Bruckewell Technology L...
SS10P30-60 BWTECH-SS10P30-60 Datasheet
197Kb / 3P
High Current Density Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS2P5 VISHAY-SS2P5_15 Datasheet
83Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS5P3 VISHAY-SS5P3_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jan-2019
SS2P5 VISHAY-SS2P5_V01 Datasheet
101Kb / 5P
High Current Density Surface-Mount Schottky Barrier Rectifiers
08-Mar-2022
SS3P3L VISHAY-SS3P3L_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
29-Jan-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com