Electronic Components Datasheet Search
  English  ▼

X  

CSD87352Q5D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87352Q5D
Description  Synchronous Buck NexFET??Power Block
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87352Q5D Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD87352Q5D Datasheet HTML 3Page - Texas Instruments CSD87352Q5D Datasheet HTML 4Page - Texas Instruments CSD87352Q5D Datasheet HTML 5Page - Texas Instruments CSD87352Q5D Datasheet HTML 6Page - Texas Instruments CSD87352Q5D Datasheet HTML 7Page - Texas Instruments CSD87352Q5D Datasheet HTML 8Page - Texas Instruments CSD87352Q5D Datasheet HTML 9Page - Texas Instruments CSD87352Q5D Datasheet HTML 10Page - Texas Instruments CSD87352Q5D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage - V
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
f = 1MHz
VGS = 0V
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage - V
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
f = 1MHz
VGS = 0V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
−75
−25
25
75
125
175
TC - Case Temperature - ºC
ID = 250µA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
−75
−25
25
75
125
175
TC - Case Temperature - ºC
ID = 250µA
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage - V
TC = 25°C
TC = 125ºC
ID = 15A
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
8
9
10
VGS - Gate-to- Source Voltage - V
TC = 25°C
TC = 125ºC
ID = 15A
CSD87352Q5D
www.ti.com
SLPS286B
– JUNE 2011 – REVISED NOVEMBER 2011
TYPICAL POWER BLOCK MOSFET CHARACTERISTICS (continued)
TA = 25°C, unless stated otherwise.
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 16. Control MOSFET Capacitance
Figure 17. Sync MOSFET Capacitance
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 18. Control MOSFET VGS(th)
Figure 19. Sync MOSFET VGS(th)
TEXT ADDED FOR SPACING
TEXT ADDED FOR SPACING
Figure 20. Control MOSFET RDS(on) vs VGS
Figure 21. Sync MOSFET RDS(on) vs VGS
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com