Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA826 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA826 Datasheet HTML 9Page - Texas Instruments INA826 Datasheet HTML 10Page - Texas Instruments INA826 Datasheet HTML 11Page - Texas Instruments INA826 Datasheet HTML 12Page - Texas Instruments INA826 Datasheet HTML 13Page - Texas Instruments INA826 Datasheet HTML 14Page - Texas Instruments INA826 Datasheet HTML 15Page - Texas Instruments INA826 Datasheet HTML 16Page - Texas Instruments INA826 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
0
1
2
3
4
−10
−8
−6
−4
−2
0
2
4
6
8
10
Output Voltage (V)
G021
0
1
2
3
4
−10
−8
−6
−4
−2
0
2
4
6
8
10
Output Voltage (V)
G022
−20
−19
−18
−17
−16
−15
−14
−13
−12
−11
−10
−10
−8
−6
−4
−2
0
2
4
6
8
10
Output Voltage (V)
G023
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
−10
−8
−6
−4
−2
0
2
4
6
8
10
Output Voltage (V)
G024
−100
−50
0
50
100
150
200
250
300
350
400
−15.5
−15.3
−15.1
−14.9
−14.7
−14.5
Common Mode Voltage (V)
−50°C
−40°C
+25°C
+85°C
+125°C
+150°C
VS = ±15 V
G057
−400
−350
−300
−250
−200
−150
−100
−50
0
50
100
13.8
13.9
14
14.1
14.2
14.3
14.4
Common Mode Voltage (V)
−50°C
−40°C
+25°C
+85°C
+125°C
+150°C
VS = ±15 V
G058
INA826
www.ti.com
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
GAIN NONLINEARITY (G = 1)
GAIN NONLINEARITY (G = 10)
Figure 37.
Figure 38.
GAIN NONLINEARITY (G = 100)
GAIN NONLINEARITY (G = 1000)
Figure 39.
Figure 40.
OFFSET VOLTAGE vs
OFFSET VOLTAGE vs
NEGATIVE COMMON-MODE VOLTAGE
POSITIVE COMMON-MODE VOLTAGE
(VS = ±15 V)
(VS = ±15 V)
Figure 41.
Figure 42.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com