Electronic Components Datasheet Search
  English  ▼

X  

T8514VB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T8514VB
Description  Specification of GaAlAs IR Emitting Diode Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T8514VB Datasheet(HTML) 1 Page - Vishay Siliconix

  T8514VB Datasheet HTML 1Page - Vishay Siliconix T8514VB Datasheet HTML 2Page - Vishay Siliconix T8514VB Datasheet HTML 3Page - Vishay Siliconix T8514VB Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 81129
For technical questions, contact: optochipsupport@vishay.com
www.vishay.com
Rev. 1.3, 29-Mar-10
1
Specification of GaAlAs IR Emitting Diode Chip
T8514VB
Vishay Semiconductors
DESCRIPTION
T8514VB is an infrared, 850 nm emitting diode in GaAlAs
double hetero technology with high radiant power and high
speed. Anode is the bond pad on top.
FEATURES
• Package type: chip
• Package form: single chip
• Technology: double hetero
• Dimensions chip (L x W x H in mm): 0.37 x 0.37
x 0.17
• Peak wavelength:
λ = 850 nm
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
GENERAL INFORMATION
The datasheet is based on Vishay optoelectronics sample testing under certain predetermined and assumed conditions, and is
provided for illustration purpose only. Customers are encouraged to perform testing in actual proposed packaged and used
conditions. Vishay optoelectronics die products are tested using Vishay optoelectronics based quality assurance procedures and
are manufactured using Vishay optoelectronics established processes. Estimates such as those described and set forth in this
datasheet for semiconductor die will vary depending on a number of packaging, handling, use, and other factors. Therefore sold
die may not perform on an equivalent basis to standard package products.
Note
Test condition see table “Basic Characteristics”
Note
MOQ: minimum order quantity
Note
Tamb = 25 °C, unless otherwise specified
-
21594
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
ϕ (deg)
λ
p (nm)
tr (ns)
T8514VB
3.3
-
850
25
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
T8514VB-SF-F
Wafer sawn on foil
MOQ: 25 000 pcs
Chip
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Forward current
IF
100
mA
Reverse voltage
VR
5V
Surge forward current
tp = 100 µs
IFSM
1A
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
- 40 to + 100
°C
Storage temperature range chip
Tstg1
- 40 to + 100
°C
Storage temperature range on foil
Tstg2
- 40 to + 50
°C


Similar Part No. - T8514VB

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T851000 E-SWITCH-T851000 Datasheet
78Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY.
T851001 E-SWITCH-T851001 Datasheet
78Kb / 1P
TERMINAL NUMBERS FOR REF. ONLY.
More results

Similar Description - T8514VB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T8714VA VISHAY-T8714VA Datasheet
94Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
29-Mar-10
T8719VA VISHAY-T8719VA Datasheet
85Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
23-Mar-11
T8914VA VISHAY-T8914VA Datasheet
100Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
29-Mar-10
TB9414VA VISHAY-TB9414VA Datasheet
84Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
23-Mar-11
TB9408VA VISHAY-TB9408VA Datasheet
96Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
28-Jul-14
TB9414VA VISHAY-TB9414VA_14 Datasheet
87Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
28-Jul-14
TB9408VA VISHAY-TB9408VA_V01 Datasheet
93Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
28-Jul-14
TB9414VA VISHAY-TB9414VA_V01 Datasheet
84Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
28-Jul-14
TB9408VA VISHAY-TB9408VA_V02 Datasheet
93Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
28-Jul-14
TB9414VA VISHAY-TB9414VA_V02 Datasheet
85Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
28-Jul-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com