Electronic Components Datasheet Search
  English  ▼

X  

TCND5000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCND5000
Description  Reflective Optical Sensor with PIN Photodiode Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCND5000 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCND5000 Datasheet HTML 1Page - Vishay Siliconix TCND5000 Datasheet HTML 2Page - Vishay Siliconix TCND5000 Datasheet HTML 3Page - Vishay Siliconix TCND5000 Datasheet HTML 4Page - Vishay Siliconix TCND5000 Datasheet HTML 5Page - Vishay Siliconix TCND5000 Datasheet HTML 6Page - Vishay Siliconix TCND5000 Datasheet HTML 7Page - Vishay Siliconix TCND5000 Datasheet HTML 8Page - Vishay Siliconix TCND5000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 83795
For technical questions, contact: sensorstechsupport@vishay.com
www.vishay.com
Rev. 1.4, 14-Oct-10
3
TCND5000
Reflective Optical Sensor with PIN
Photodiode Output
Vishay Semiconductors
Note
(1) See figures 2 to 8 accordingly
(2) See figures 9 to 12 accordingly
Fig. 2 - Test Circuit
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Radiant Intensity vs. Forward Current
OUTPUT (DETECTOR) (2)
Forward voltage
IF = 50 mA
VF
11.3
V
Breakdown voltage
IR = 100 μA
VBR
60
V
Reverse dark current
VR = 10 V, E = 0 lx
Iro
110
nA
Diode capacitance
VR = 5 V, f = 1 MHz, E = 0 lx
CD
1.8
pF
Reverse light current
Ee = 1 mW/cm2,
λ = 950 nm, VR = 5 V
Ira
12
μA
Temperature coefficient of Ira
λ = 870 nm, VR = 5 V
TKira
0.2
%/K
Angle of half intensity
ϕ
± 15
deg
Wavelength of peak sensitivity
λP
930
nm
Range of spectral bandwidth
λ0.5
840 to 1050
nm
SENSOR
Reverse Light Current
VR = 2.5 V, IF = 20 mA, D = 30 mm,
reflective mode: see figure 2
Ira
110
nA
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Kodak grey card
20 % Reflectivity
30 mm
18223
VF - Forward Voltage (V)
13600
101
100
102
103
104
tP = 100 µs
tP/T = 0.001
0
4
3
2
1
16189
103
101
102
104
100
0.1
1
10
1000
100
I
F - Forward Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com