Electronic Components Datasheet Search
  English  ▼

X  

TCRT5000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCRT5000
Description  Reflective Optical Sensor with Transistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCRT5000 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCRT5000_09 Datasheet HTML 1Page - Vishay Siliconix TCRT5000_09 Datasheet HTML 2Page - Vishay Siliconix TCRT5000_09 Datasheet HTML 3Page - Vishay Siliconix TCRT5000_09 Datasheet HTML 4Page - Vishay Siliconix TCRT5000_09 Datasheet HTML 5Page - Vishay Siliconix TCRT5000_09 Datasheet HTML 6Page - Vishay Siliconix TCRT5000_09 Datasheet HTML 7Page - Vishay Siliconix TCRT5000_09 Datasheet HTML 8Page - Vishay Siliconix TCRT5000_09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
For technical questions, contact: sensorstechsupport@vishay.com
Document Number: 83760
2
Rev. 1.7, 17-Aug-09
TCRT5000, TCRT5000L
Vishay Semiconductors
Reflective Optical Sensor with
Transistor Output
Note
(1) Tamb = 25 °C, unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Note
(1) Tamb = 25 °C, unless otherwise specified
(2) See figure 3
(3) Test surface: mirror (Mfr. Spindler a. Hoyer, Part No. 340005)
OUTPUT (DETECTOR)
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
5V
Collector current
IC
100
mA
Power dissipation
Tamb ≤ 55 °C
PV
100
mW
Junction temperature
Tj
100
°C
SENSOR
Total power dissipation
Tamb ≤ 25 °C
Ptot
200
mW
Ambient temperature range
Tamb
- 25 to + 85
°C
Storage temperature range
Tstg
- 25 to + 100
°C
Soldering temperature
2 mm from case, t
≤ 10 s
Tsd
260
°C
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
0
100
200
300
0
95 11071
Tamb - Ambient Temperature (°C)
IR - diode
Coupled device
Phototransistor
25
50
75
100
BASIC CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT (EMITTER)
Forward voltage
IF = 60 mA
VF
1.25
1.5
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
17
pF
Radiant intensity
IF = 60 mA, tp = 20 ms
Ie
21
mW/sr
Peak wavelength
IF = 100 mA
λ
P
940
nm
Virtual source diameter
Method: 63 % encircled energy
d
2.1
mm
OUTPUT (DETECTOR)
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
Ie = 100 µA
VECO
7V
Collector dark current
VCE = 20 V, IF = 0 A, E = 0 lx
ICEO
10
200
nA
SENSOR
Collector current
VCE = 5 V, IF = 10 mA,
D = 12 mm
IC (2) (3)
0.5
1
2.1
mA
Collector emitter saturation
voltage
IF = 10 mA, IC = 0.1 mA,
D = 12 mm
VCEsat (2) (3)
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com