Electronic Components Datasheet Search
  English  ▼

X  

BC369 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BC369
Description  PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC369 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BC369 Datasheet HTML 1Page - Siemens Semiconductor Group BC369 Datasheet HTML 2Page - Siemens Semiconductor Group BC369 Datasheet HTML 3Page - Siemens Semiconductor Group BC369 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BC 369
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Base-emitter voltage1)
IC = 5 mA; VCE = 10 V
IC = 1 A; VCE = 1 V
VBE
–
–
0.6
–
–
1
V
Collector-emitter breakdown voltage
IC = 30 mA
V(BR)CE0
20
–
–
Collector-base breakdown voltage
IC = 10
µA
V(BR)CB0
25
–
–
–
DC current gain
IC = 5 mA; VCE = 10 V
IC = 500 mA; VCE = 1 V1)
IC = 1 A; VCE = 1 V1)
hFE
50
85
60
–
160
–
–
375
–
MHz
Transition frequency
IC = 100 mA, VCE = 5 V, f = 20 MHz
fT
–
100
–
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
AC characteristics
Emitter-base breakdown voltage
IE = 1
µA
V(BR)EB0
5––
nA
µA
Collector cutoff current
VCB = 25 V
VCB = 25 V, TA = 150 ˚C
ICB0
–
–
–
–
100
10
nA
Emitter cutoff current
VEB = 5 V
IEB0
–
–
100
V
Collector-emitter saturation voltage1)
IC = 1 A; IB = 100 mA
VCEsat
–
–
0.5
1)
Pulse test: t
≤ 300 µs, D ≤ 2%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com