Electronic Components Datasheet Search
  English  ▼

X  

TR8 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TR8
Description  Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR8 Datasheet(HTML) 3 Page - Vishay Siliconix

  TR8 Datasheet HTML 1Page - Vishay Siliconix TR8 Datasheet HTML 2Page - Vishay Siliconix TR8 Datasheet HTML 3Page - Vishay Siliconix TR8 Datasheet HTML 4Page - Vishay Siliconix TR8 Datasheet HTML 5Page - Vishay Siliconix TR8 Datasheet HTML 6Page - Vishay Siliconix TR8 Datasheet HTML 7Page - Vishay Siliconix TR8 Datasheet HTML 8Page - Vishay Siliconix TR8 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TR8
www.vishay.com
Vishay Sprague
Revision: 09-Aug-11
3
Document Number: 40114
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITORS PERFORMANCE CHARACTERISTICS
Notes
• At + 25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table.
• At + 85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table.
• At + 125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table.
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category Temperature Range
- 55 °C to + 85 °C (to + 125 °C with voltage derating)
Capacitance Tolerance
± 20 %, ± 10 % (at 120 Hz) 2 VRMS at + 25 °C using a capacitance bridge
Dissipation Factor (at 120 Hz)
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz.
ESR (100 kHz)
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz.
Leakage Current
After application of rated voltage applied to capacitors for 5 min using a steady source of power with 1 k
resistor in series with the capacitor under test, leakage current at 25 °C is not more than described in
Standard Ratings table. Note that the leakage current varies with temperature and applied voltage.
See graph below for the appropriate adjustment factor.
Reverse Voltage
Capacitors are capable of withstanding peak voltages in the reverse direction equal to:
10 % of the DC rating at + 25 °C
5 % of the DC rating at + 85 °C
Vishay does not recommended intentional or repetitive application of reverse voltage
Temperature Derating
If capacitors are to be used at temperatures above + 25 °C, the permissible RMS ripple current or voltage
shall be calculated using the derating factors:
1.0 at + 25 °C
0.9 at + 85 °C
0.4 at + 125 °C
Operating Temperature
+ 85 °C RATING
+ 125 °C RATING
WORKING VOLTAGE
(V)
SURGE VOLTAGE
(V)
WORKING VOLTAGE
(V)
SURGE VOLTAGE
(V)
4.0
5.2
2.7
3.4
6.3
8.0
4.0
5.0
10
13
7.0
8.0
16
20
10
12
20
26
13
16
25
32
17
20
35
46
23
28
50
65
33
40
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
10
1.0
0.1
0.01
0.001
0
10
40
708090
60
50
20
30
100
+ 125 °C
+ 85 °C
+ 55 °C
+ 25 °C
0 °C
- 55 °C
PERCENT OF RATED VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com