Electronic Components Datasheet Search
  English  ▼

X  

TSHA6200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSHA6200
Description  Infrared Emitting Diode, 875 nm, GaAlAs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA6200 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSHA6200 Datasheet HTML 1Page - Vishay Siliconix TSHA6200 Datasheet HTML 2Page - Vishay Siliconix TSHA6200 Datasheet HTML 3Page - Vishay Siliconix TSHA6200 Datasheet HTML 4Page - Vishay Siliconix TSHA6200 Datasheet HTML 5Page - Vishay Siliconix TSHA6200 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 81021
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.8, 25-Jun-09
1
Infrared Emitting Diode, 875 nm, GaAlAs
TSHA6200, TSHA6201, TSHA6202, TSHA6203
Vishay Semiconductors
DESCRIPTION
The TSHA620. series are infrared, 875 nm emitting diodes in
GaAlAs technology, molded in a clear, untinted plastic
package.
FEATURES
• Package type: leaded
• Package form: T-1¾
• Dimensions (in mm): Ø 5
• Peak wavelength:
λ
p = 875 nm
• High reliability
• Angle of half intensity:
ϕ = ± 12°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Compliant
to
RoHS
directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
APPLICATIONS
• Infrared remote control and free air data transmission
systems
• This emitter series is dedicated to systems with panes in
transmission
space
between
emitter
and
detector,
because of the low absorbtion of 875 nm radiation in glass
Note
Test conditions see table “Basic Characteristics“
Note
MOQ: minimum order quantity
Note
Tamb = 25 °C, unless otherwise specified
94 8389
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
ϕ (deg)
λ
P (nm)
tr (ns)
TSHA6200
40
± 12
875
600
TSHA6201
50
± 12
875
600
TSHA6202
60
± 12
875
600
TSHA6203
65
± 12
875
600
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
TSHA6200
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
TSHA6201
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
TSHA6202
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
TSHA6203
Bulk
MOQ: 4000 pcs, 4000 pcs/bulk
T-1¾
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp = 100 µs
IFM
200
mA
Surge forward current
tp = 100 µs
IFSM
2.5
A
Power dissipation
PV
180
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
≤ 5 s, 2 mm from case
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, leads 7 mm, soldered on PCB
RthJA
230
K/W


Similar Part No. - TSHA6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA6200 VISHAY-TSHA6200 Datasheet
87Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA6200 VISHAY-TSHA6200 Datasheet
122Kb / 6P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
05-Sep-08
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6200 VISHAY-TSHA6200 Datasheet
108Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6200 VISHAY-TSHA6200 Datasheet
107Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
More results

Similar Description - TSHA6200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA5200 VISHAY-TSHA5200_09 Datasheet
114Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
29-Jun-09
TSHA6500 VISHAY-TSHA6500_09 Datasheet
101Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
06-Oct-09
TSHA5200 VISHAY-TSHA5200 Datasheet
107Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA5500 VISHAY-TSHA5500 Datasheet
105Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA4401 VISHAY-TSHA4401_V01 Datasheet
117Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
TSHA5500 VISHAY-TSHA5500_V01 Datasheet
104Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6203 VISHAY-TSHA6203_V01 Datasheet
108Kb / 6P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA6500 VISHAY-TSHA6500_V01 Datasheet
113Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
24-Aug-11
TSHA4401 VISHAY-TSHA4401_V02 Datasheet
117Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com