Electronic Components Datasheet Search
  English  ▼

X  

TSML1040 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSML1040
Description  High Power Infrared Emitting Diode, RoHS Compliant, 940 nm, GaAlAs/GaAs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML1040 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSML1040 Datasheet HTML 1Page - Vishay Siliconix TSML1040 Datasheet HTML 2Page - Vishay Siliconix TSML1040 Datasheet HTML 3Page - Vishay Siliconix TSML1040 Datasheet HTML 4Page - Vishay Siliconix TSML1040 Datasheet HTML 5Page - Vishay Siliconix TSML1040 Datasheet HTML 6Page - Vishay Siliconix TSML1040 Datasheet HTML 7Page - Vishay Siliconix TSML1040 Datasheet HTML 8Page - Vishay Siliconix TSML1040 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TSML1000, TSML1020, TSML1030, TSML1040
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 30-Jun-11
4
Document Number: 81033
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
PRECAUTIONS FOR USE
1. Over-current-proof
Customer must apply resistors for protection, otherwise
slight voltage shift will cause big current change (burn out
will happen).
2. Storage
2.1 Storage temperature and rel. humidity conditions are:
5 °C to 35 °C, R.H. 60 %.
2.2 Floor life must not exceed 168 h, acc. to JEDEC level 3,
J-STD-020.
Once the package is opened, the products should be
used within a week. Otherwise, they should be kept in a
damp proof box with desiccant.
Considering tape life, we suggest to use products within
one year from production date.
2.3 If opened more than one week in an atmosphere 5 °C to
35 °C, R.H. 60 %, devices should be treated at 60 °C
± 5 °C for 15 h.
2.4 If humidity indicator in the package shows pink color
(normal blue), then devices should be treated with the
same conditions as 2.3.
REFLOW SOLDER PROFILE
Fig. 10 - Lead Tin (SnPb) Reflow Solder Profile
Fig. 11 - Lead (Pb)-Free Reflow Solder Profile acc. J-STD-020
18234
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.6
0.4
0.2
0
0.2
0.4
60
80
100
120
140
160
180
200
220
240
260
0
20 40 60 80 100 120 140 160 180 200 220
Time (s)
17172
+ 5 °C/s
5 s
60 s to 120 s
- 5 °C/s
22566
120 s max.
60 s max.
above 220 °C
260 °C max.
10 s max.
Pre-heating
180 °C to 200 °C
1 °C/s to 5 °C/s
1 °C/s to 5 °C/s



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com