Electronic Components Datasheet Search
  English  ▼

X  

U8CT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # U8CT
Description  Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U8CT Datasheet(HTML) 1 Page - Vishay Siliconix

  U8CT Datasheet HTML 1Page - Vishay Siliconix U8CT Datasheet HTML 2Page - Vishay Siliconix U8CT Datasheet HTML 3Page - Vishay Siliconix U8CT Datasheet HTML 4Page - Vishay Siliconix U8CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
U(F,B)8BT thru U(F,B)8DT
Vishay General Semiconductor
Document Number: 89086
Revision: 06-May-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
New Product
Ultrafast Rectifier
FEATURES
• Oxide planar chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder dip 260 °C, 40 s (for TO-220AC and
ITO-220AC package)
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For
use
in
high
frequency
rectification
and
freewheeling application in switching mode converters
and inverters for consumer computer, automotive and
telecommunication applications.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, TO-263AB
Epoxy meets UL 94 V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
8.0 A
VRRM
100 V to 200 V
IFSM
100 A
trr
20 ns
VF at IF = 8 A
0.79 V
TJ max.
150 °C
CASE
PIN 2
PIN 1
TO-220AC
U8xT
ITO-220AC
UF8xT
UB8xT
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
PIN 2
PIN 1
TO-263AB
1
2
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
U8BT
U8CT
U8DT
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified current (Fig. 1)
VF(AV)
8.0
V
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Isolation voltage (ITO-220AC only)
from terminals to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - U8CT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
U8C3005G-S16-R UTC-U8C3005G-S16-R Datasheet
186Kb / 6P
each channel current limit
U8C3005G-S16-R UTC-U8C3005G-S16-R Datasheet
190Kb / 6P
8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
U8C3005L-S16-R UTC-U8C3005L-S16-R Datasheet
190Kb / 6P
8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
U8C3525G-S16-R UTC-U8C3525G-S16-R Datasheet
183Kb / 6P
Maximum clock frequency
More results

Similar Description - U8CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com