Electronic Components Datasheet Search
  English  ▼

X  

UH1PC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UH1PC
Description  Surface Mount Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UH1PC Datasheet(HTML) 2 Page - Vishay Siliconix

  UH1PC Datasheet HTML 1Page - Vishay Siliconix UH1PC Datasheet HTML 2Page - Vishay Siliconix UH1PC Datasheet HTML 3Page - Vishay Siliconix UH1PC Datasheet HTML 4Page - Vishay Siliconix UH1PC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89173
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
UH1PB, UH1PC, UH1PD
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width  40 ms
Note
(1) Free air, mounted on recommended copper pad area. Thermal resistance RJA - junction to ambient, RJM junction to mount at the terminal
cathode band
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 0.6 A
TA = 25 °C
VF (1)
0.88
-
V
IF = 1.0 A
0.95
1.05
IF = 0.6 A
TA = 125 °C
0.69
-
IF = 1.0 A
0.75
0.85
Reverse current
Rated VR
TA = 25 °C
IR (2)
-1.0
μA
TA = 125 °C
5.0
25
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
TA = 25 °C
trr
19
25
ns
IF = 1.0 A, dI/dt = 50 A/μs,
VR = 30 V, Irr = 0.1 IRM
27
40
Typical softness factor (tb/ta)
IF = 1.0 A, dI/dt = 200 A/μs,
VR = 200 V
TA = 125 °C
S0.4
-
-
Maximum reverse recovery current
IRM
3.7
5.5
A
Typical stored charge
Qrr
48
-
nC
Typical junction capacitance
4.0 V, 1 MHz
CJ
16
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UH1PB
UH1PC
UH1PD
UNIT
Typical thermal resistance
RJA (1)
120
°C/W
RJM (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
UH1PD-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
UH1PD-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com