Electronic Components Datasheet Search
  English  ▼

X  

BC640 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BC640
Description  PNP Silicon AF Transistors (High current gain High collector current)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC640 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BC640 Datasheet HTML 1Page - Siemens Semiconductor Group BC640 Datasheet HTML 2Page - Siemens Semiconductor Group BC640 Datasheet HTML 3Page - Siemens Semiconductor Group BC640 Datasheet HTML 4Page - Siemens Semiconductor Group BC640 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
BC 636
… BC 640
Maximum Ratings
Parameter
Values
Unit
Collector-emitter voltage
V
Peak collector current
Collector current
A
Junction temperature
˚C
Total power dissipation, TC = 90 ˚C1)
W
Storage temperature range
Collector-base voltage
Thermal Resistance
Junction - ambient1)
≤ 156
K/W
60
1
1.5
0.8 (1)
150
– 65 … + 150
Emitter-base voltage
Base current
mA
100
Junction - case2)
≤ 55
45
80
60
45
100
BC 638
BC 636
BC 640
5
Peak base current
200
Symbol
VCE0
ICM
IC
Tj
Ptot
Tstg
VCB0
Rth JA
VEB0
IB
Rth JC
IBM
1)
If the transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm x 10 mm large copper area
for the collector terminal, Rth JA = 125 K/W and thus Ptot max = 1 W at TA = 25 ˚C.
2)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com