Electronic Components Datasheet Search
  English  ▼

X  

UH3C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UH3C
Description  Surface Mount Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UH3C Datasheet(HTML) 1 Page - Vishay Siliconix

  UH3C Datasheet HTML 1Page - Vishay Siliconix UH3C Datasheet HTML 2Page - Vishay Siliconix UH3C Datasheet HTML 3Page - Vishay Siliconix UH3C Datasheet HTML 4Page - Vishay Siliconix UH3C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UH3B, UH3C & UH3D
Vishay General Semiconductor
Document Number: 89109
Revision: 03-Jun-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
New Product
Surface Mount Ultrafast Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Oxide planar chip junction
• Ultrafast recovery times for high frequency
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in secondary rectification and freewheeling for
ultrafast switching speeds of ac-to-ac and dc-to-dc
converters in high temperature conditions for both
consumer and automotive applications.
MECHANICAL DATA
Case: DO-214AB (SMC)
Epoxy meets UL 94 V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC-Q101 qualified), meets JESD 201 class 2
whisker test
Polarity: Color band denotes cathode end
Notes:
(1) Free air, mounted on recommended copper pad area
(2) Units mounted on P.C.B. with 0.31" x 0.31" (8.0 mm x 8.0 mm) copper pad area
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
100 V, 150 V, 200 V
IFSM
80 A
trr
25 ns
VF at IF = 3.0 A
0.75 V
TJ max.
175 °C
DO-214AB (SMC)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UH3B
UH3C
UH3D
UNIT
Device marking code
HB
HC
HD
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
2.5 (1)
3.0 (2)
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
80
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - UH3C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH3C VISHAY-UH3C Datasheet
108Kb / 5P
Surface Mount Ultrafast Rectifier
29-May-08
UH3C VISHAY-UH3C Datasheet
90Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
UH3C-M3 VISHAY-UH3C-M3 Datasheet
89Kb / 4P
Oxide planar chip junction
23-Oct-13
UH3CHE3_A/H VISHAY-UH3CHE3_A/H Datasheet
103Kb / 5P
Surface-Mount Ultrafast Rectifier
09-Apr-2020
UH3CHE3_A/H VISHAY-UH3CHE3_A/H Datasheet
108Kb / 5P
Ultra Low Capacitance Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in Silicon Package
17-May-2019
More results

Similar Description - UH3C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
Surface Mount Ultrafast Rectifier
29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
Surface Mount Ultrafast Rectifier
27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
Surface-Mount Ultrafast Rectifier
08-Apr-2020
UH2B-M3 VISHAY-UH2B-M3 Datasheet
88Kb / 4P
Surface Mount Ultrafast Rectifier
Revision: 23-Oct-13
UH2B VISHAY-UH2B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
22-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com