Electronic Components Datasheet Search
  English  ▼

X  

4RH Datasheet(PDF) 1 Page - E-SWITCH

Part # 4RH
Description  4RH Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

4RH Datasheet(HTML) 1 Page - E-SWITCH

  4RH Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4RH Series
FEATURES:
• High Current Capacity
• Up To 12 Circuits
• Multiple Terminal & Actuator Options
• Housing Made of Rugged Glass Reinforced
Nylon
SPECIFICATIONS:
RATING: 16A 250VAC [cULus]
12A 250VAC [cULus]
25A 250VAC [cULus]
(Upon Request)
1HP 120VAC [cULus]
2HP 250VAC [cULus]
16(4)A 250VAC [ENEC]
12(3)A 250VAC [ENEC]
10(2)A 400VAC [ENEC]
8(2)A 400VAC [ENEC]
16(8)A 250VAC [ENEC]
(Upon Request)
10(4)A 400VAC [ENEC]
(Upon Request)
ELECTRICAL LIFE: 300,000 Cycles
TEMPERATURE RATING: -20°C to 105°C
MATERIALS:
BODY: Polyamide 6/6, UL94 V-2
ACTUATOR: Polyamide 6/6, UL94 V-2
CONTACTS: Silver Alloy
MOBILE CONTACTS: Silver Alloy
TERMINALS: Silver Plated Brass
SPRINGS: Piano Wire
Copper
HARDWARE: Brass
EXAMPLE PART NUMBERS:
48-03111
1P3T
45° Index, 1: None, 2: D2, 3: D3, 4: D4
Heavy
Duty
Rear
Panel Mount
High
Temperature
High
Amperage
47-0600
44-03A
44-03A0
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
62
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES


Similar Description - 4RH

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com