Electronic Components Datasheet Search
  English  ▼

X  

100A Datasheet(PDF) 2 Page - E-SWITCH

Part # 100A
Description  TOGGLE SWITCHES - MINIATURE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100A Datasheet(HTML) 2 Page - E-SWITCH

  100A Datasheet HTML 1Page - E-SWITCH 100A Datasheet HTML 2Page - E-SWITCH 100A Datasheet HTML 3Page - E-SWITCH 100A Datasheet HTML 4Page - E-SWITCH 100A Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.e-switch.com
info@e-switch.com
123
T1 actuator std. when ordered with M1
termination.
Add 0.100 (2.54) for B4 bushing.
Std for M2, M6, M7, VS termination
Std for M1
T2 actuator std. when ordered with VS,
M2, M6 or M7 terminations.
Add 0.100 (2.54) for B4 bushing.
DPDT
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
WDP-1
ON
NONE
ON
WDP-2
ON
NONE
(ON)
WDP-3
ON
OFF
ON
WDP-4
(ON)
OFF
(ON)
WDP-5
ON
OFF
(ON)
Term. Comm.
2-3, 5-6
OPEN
2-1, 5-4
SCHEMATIC
ACTUATOR OPTIONS
BUSHING OPTIONS
T2
B1
B4
T1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com