Electronic Components Datasheet Search
  English  ▼

X  

BCP28 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCP28
Description  PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP28 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCP28 Datasheet HTML 1Page - Siemens Semiconductor Group BCP28 Datasheet HTML 2Page - Siemens Semiconductor Group BCP28 Datasheet HTML 3Page - Siemens Semiconductor Group BCP28 Datasheet HTML 4Page - Siemens Semiconductor Group BCP28 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
PNP Silicon Darlington Transistors
BCP 28
BCP 48
Maximum Ratings
Type
Marking
Package1)
Pin Configuration
BCP 28
BCP 48
Q62702-C2134
Q62702-C2135
BCP 28
BCP 48
SOT-223
Ordering Code
(tape and reel)
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
Parameter
Symbol
BCP 28
Unit
Collector-emitter voltage
VCE0
30
V
Collector-base voltage
VCB0
40
Emitter-base voltage
VEB0
Collector current
IC
mA
Base current
IB
Total power dissipation, TS = 124 ˚C2)
Ptot
W
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient2)
Rth JA
≤ 75
K/W
Peak collector current
ICM
Peak base current
IBM
BCP 48
60
80
500
100
1.5
150
800
200
Values
10
10
Junction - soldering point
Rth JS
≤ 17
q
For general AF applications
q
High collector current
q
High current gain
q
Complementary types: BCP 29/49 (NPN)
5.91


Similar Part No. - BCP28

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP28 INFINEON-BCP28 Datasheet
49Kb / 5P
PNP Silicon Darlington Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP28

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
PNP Silicon AF Transistors (High current gain High collector current)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BCV26 SIEMENS-BCV26 Datasheet
141Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCV27 SIEMENS-BCV27 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
BCV28 SIEMENS-BCV28 Datasheet
142Kb / 4P
PNP Silicon Darlington Transistors (For general AF applications High collector current)
BCV29 SIEMENS-BCV29 Datasheet
141Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
BCW67BCW68 SIEMENS-BCW67BCW68 Datasheet
134Kb / 6P
PNP Silicon AF Transistors (For general AF applications High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
PNP Silicon AF Transistors (For general AF applications High collector current)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com