Electronic Components Datasheet Search
  English  ▼

X  

200B Datasheet(PDF) 1 Page - E-SWITCH

Part # 200B
Description  TOGGLE SWITCHES - SMT SUB-MINIATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

200B Datasheet(HTML) 1 Page - E-SWITCH

  200B Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
136
SERIES 200B SWITCHES
Specifications subject to change without notice.
Example Ordering Number
200B_ WMSP2_ T2_ A1_ SM6_R_ E
TOGGLE SWITCHES - SMT SUB-MINIATURE
SPECIFICATIONS
Contact Rating:
0.4 VA max. @ 20 VAC or DC max.
Life Expectancy:
50,000 make-and-break cycles at full load
Contact Resistance:
20 m 1max. initial @ 2-4 VDC 100 mA
Insulation Resistance:
1,000 M 1min.
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature: -30° C to 85° C
Packaging:
Tape & Reel
MATERIALS
Case & Bushing:
High temp material, glass filled 4/6 Nylon, flame
retardant, heat stabilized (UL94-V0)
Actuator:
Brass, chrome plated with internal O-ring seal standard
Switch Support:
Brass/Steel
Contacts / Terminals: Gold plate over nickel plated copper alloy
Terminal Seal:
Epoxy
HOW TO ORDER
P.C. MOUNTING
FEATURES & BENEFITS
Variety of switching functions
Sub-miniature
Surface mount
Sealed to IP67
APPLICATIONS/MARKETS
Telecommunications
Instrumentation
Networking
Medical equipment
SERIES
200B
T2
ACTUATOR
SM6
TERMINATION
SEAL
E
E = Epoxy
Sealed at
Base of
Terminal
SCHEMATIC
R = Gold
CONTACT
MATERIAL
A1
BUSHING
WMSP2
WMSP3
WMSP4
WMSP5
MODEL NO.


Similar Part No. - 200B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200B E-SWITCH-200B Datasheet
97Kb / 1P
SEALED SMT SUB-MINIATURE
logo
Freescale Semiconductor...
200B203MW50B FREESCALE-200B203MW50B Datasheet
928Kb / 20P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Illinois Capacitor, Inc...
200BCR050K ILLINOISCAPACITOR-200BCR050K Datasheet
28Kb / 2P
85째C Temperature Stable Ceramic Disc Capacitors
logo
E-SWITCH
200BWMSP1T2A1SM6RE E-SWITCH-200BWMSP1T2A1SM6RE Datasheet
97Kb / 1P
SEALED SMT SUB-MINIATURE
logo
RUBYCON CORPORATION
200BXA100M16X25 RUBYCON-200BXA100M16X25 Datasheet
69Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 200B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
Sub-Miniature Toggle Switches (washable)
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
Sealed Sub-Miniature Toggle Switches
logo
GREATECS
G3T GREATECS-G3T Datasheet
759Kb / 1P
Ultra-Miniature SMT Toggle Switches
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
Sub-Miniature Sealed SMT Toggle Switches
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
Sub-Miniature SPDT Toggle Switches
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
TOGGLE SWITCHES - SUB MINIATURE
200A E-SWITCH-200A Datasheet
414Kb / 4P
TOGGLE SWITCHES - SUB-MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
Sub-Miniature Toggle Switches
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
Sealed Sub-Miniature Toggle Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com