Electronic Components Datasheet Search
  English  ▼

X  

320 Datasheet(PDF) 1 Page - E-SWITCH

Part # 320
Description  TACT SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

320 Datasheet(HTML) 1 Page - E-SWITCH

  320 Datasheet HTML 1Page - E-SWITCH 320 Datasheet HTML 2Page - E-SWITCH 320 Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
info@e-switch.com
45
SERIES 320 SWITCHES
Specifications subject to change without notice.
CAP COLOR
320
320.01
320.02
320.03
320.04
320.22
320.08*
320.09*
320.094*
320.2
320.21
BLK = Black
GRY = Grey
YEL = Yellow
BLU = Blue
GRN = Green
WHT= White
RED = Red
See Cap Section
ADDITIONAL CAP
(Fits over cap styles 320.02 & 320.03 only.)
CAP
COLOR
CAP STYLE
Example Ordering Number
320.08_ E1-1_ YEL
TACT SWITCHES
SPECIFICATIONS
Contact Rating:
25mA @ 50 VDC
Life Expectancy:
1,000,000 cycles min.
Contact Resistance:
50mΩ, max. initial @ 2-4 VDC, 100mA
Insulation Resistance:
1,000MΩ min.
Dielectric Strength:
>500 VAC rms at sea level
Actuation Force:
135 ± 50 gf
Operating Temperature: -20°C to 70°C
Travel:
.6mm Typ.
MATERIALS
Housing:
Nylon 4/6
Cover/Cap:
ABS or Polycarbonate
Dome Contact:
Gold over stainless steel
Terminals/Contacts:
Silver plated copper alloy
HOW TO ORDER
E11 (SPST)
MATERIALS
.
CIRCUIT
*Note: Assembled using the 320.02
plungered cap.
320
SCHEMATIC
P.C. MOUNTING
FEATURES & BENEFITS
Multiple cap & color options
High reliability dome technology
Excellent tactile feedback
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems


Similar Part No. - 320

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
320 DBLECTRO-320 Datasheet
323Kb / 1P
SCREW TYPE SERIES
logo
Semikron International
320 SEMIKRON-320 Datasheet
370Kb / 3P
Rectifier Diode
logo
Intel Corporation
320 INTEL-320 Datasheet
1Mb / 82P
Celeron D Processor
logo
Oscilent Corporation
320 OSCILENT-320 Datasheet
143Kb / 3P
Clock Oscillators
logo
Fluke Corporation
320 FLUKE-320 Datasheet
1Mb / 2P
320 Series True-rms Clamp Meters
More results

Similar Description - 320

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
Tact switches
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
TACT SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com