Electronic Components Datasheet Search
  English  ▼

X  

VSIB440 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSIB440
Description  Single-Phase Single In-Line Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSIB440 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSIB440 Datasheet HTML 1Page - Vishay Siliconix VSIB440 Datasheet HTML 2Page - Vishay Siliconix VSIB440 Datasheet HTML 3Page - Vishay Siliconix VSIB440 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
VSIB420 thru VSIB480
Vishay General Semiconductor
Document Number: 89119
Revision: 14-Jul-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics Per Diode
Figure 4. Typical Reverse Characteristics Per Diode
Instantaneous Forward Voltage (V)
100
0.01
0.3
1.3
1.1
0.1
1
10
0.9
0.7
0.5
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1000
0.01
20
100
0.1
10
100
80
60
40
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1
30
90
70
50
Figure 5. Typical Junction Capacitance Per Diode
Figure 6. Typical Transient Thermal Impedance Per Diode
Reverse Voltage (V)
1000
1
0.1
100
10
100
10
1
t - Heating Time (s)
100
0.1
0.01
100
1
10
10
1
0.1
Case Style GSIB-3S
0.996 (25.3)
0.972 (24.7)
0.157 (4.0) Ref.
0.146 (3.70)
0.130 (3.30)
0.602 (15.3)
0.579 (14.7)
0.709 (18.0)
0.669 (17.0)
0.303 (7.7)
0.287 (7.3)
0.057 (1.45)
0.041 (1.05)
0.083 (2.10)
0.067 (1.70)
0.043 (1.10)
0.035 (0.90)
0.075 (1.90)
0.059 (1.50)
0.150 (3.80)
0.134 (3.40)
0.031 (0.80)
0.024 (0.60)
0.114 (2.90)
0.098 (2.50)
0.189 (4.80)
0.173 (4.40)
0.382 (9.70)
0.366 (9.30)
Ø 0.134 (3.40)
Ø 0.122 (3.10)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com