Electronic Components Datasheet Search
  English  ▼

X  

400A Datasheet(PDF) 2 Page - E-SWITCH

Part # 400A
Description  ROCKER SWITCHES - SUB-MINIATURE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

400A Datasheet(HTML) 2 Page - E-SWITCH

  400A Datasheet HTML 1Page - E-SWITCH 400A Datasheet HTML 2Page - E-SWITCH 400A Datasheet HTML 3Page - E-SWITCH 400A Datasheet HTML 4Page - E-SWITCH 400A Datasheet HTML 5Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
158
DPDT
SCHEMATIC
( ) = Momentary
POS 1
POS 2
POS 3
Model No.
WMDP-1
ON
NONE
ON
WMDP-2
ON
NONE
(ON)
WMDP-3
ON
OFF
ON
Term. Comm.
2-3, 5-6
OPEN
2-1, 5-4
R1
TERMINATION OPTIONS
ACTUATOR OPTIONS
Single Pole
Double Pole
M1
M2
SOLDER LUG
P.C. MOUNT
Single Pole
Double Pole
SERIES 400A SWITCHES
ROCKER SWITCHES - SUB-MINIATURE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com