Electronic Components Datasheet Search
  English  ▼

X  

300AWSP2R2REDM1RE Datasheet(PDF) 6 Page - E-SWITCH

Part # 300AWSP2R2REDM1RE
Description  ROCKER AND PADDLE SWITCHES - MINIATURE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

300AWSP2R2REDM1RE Datasheet(HTML) 6 Page - E-SWITCH

  300AWSP2R2REDM1RE Datasheet HTML 1Page - E-SWITCH 300AWSP2R2REDM1RE Datasheet HTML 2Page - E-SWITCH 300AWSP2R2REDM1RE Datasheet HTML 3Page - E-SWITCH 300AWSP2R2REDM1RE Datasheet HTML 4Page - E-SWITCH 300AWSP2R2REDM1RE Datasheet HTML 5Page - E-SWITCH 300AWSP2R2REDM1RE Datasheet HTML 6Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.e-switch.com
info@e-switch.com
151
POS 1
POS 2
POS 3
25˚
Epoxy
Seal
POS 1
POS 2
POS 3
25˚
Epoxy
Seal
M71
P.C. MOUNTING
DPDT
Option
Code
Dim. 'A'
VS2
.460 (11.68)
VS3
.630 (16.00)
VS2-VS3
P.C. MOUNTING
SPDT
Option
Code
Dim. 'A'
VS2
.460 (11.68)
VS3
.630 (16.00)
VS2-VS3
P.C. MOUNTING
DPDT
CONTACT MATERIAL OPTIONS
Q
R
Fixed Terminal:
Gold flash over silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
5 Amps with resistive load @ 120VAC or 28VDC;
2 Amps with resistive load @ 250VAC
Fixed Terminal:
Copper alloy with gold plate over nickel plate
Moving Contact:
Copper alloy with gold plate overnickel plate
Rating:
0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com