Electronic Components Datasheet Search
  English  ▼

X  

500R Datasheet(PDF) 1 Page - E-SWITCH

Part # 500R
Description  500R SerieS Slide Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

500R Datasheet(HTML) 1 Page - E-SWITCH

  500R Datasheet HTML 1Page - E-SWITCH 500R Datasheet HTML 2Page - E-SWITCH 500R Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
800.867.2717
2
RoHS
Audio / Visual
Computer Peripherals
Consumer Electronics
Instrumentation
Telecommunication
SpecificationS
part number configurator
featureS & benefitS
applicationS / marketS
500r SerieS Slide Switch
Specifications subject to change without notice
• OffersIP67sealingprotection
• upto3-positions
• SPDTandDPDToptions
• Goldcontact
ElectricalRating: 0.4VA Max. @ 20V (AC or DC max)
LifeExpectancy: 40,000 Cycles
ContactResistance:50mΩ Max.
InsulationResistance: 500 MΩ Min. at 250VDC
DielectricStrength:500VAC RMS at Sea Level
OperatingTemperature: -20°C to 80°C
OperatingForce:
2-position: 200 gf +/- 100 gf
3-position: 250 gf +/- 125gf
Travel:
2-position: 1.9mm
3-position: 0.95mm
500R
SP1 - On-None-On
SP3 - On-Off-On
DP1 - On-None-On
DP3 - On-Off-On
S1- 2.80mm high
M2 - PC thru-hole
M6 - Right angle, PC
thru-hole
R - Gold
E - Epoxy
Series
Function
Actuator
Terminal
ContactMaterial
Seal
Medical Equipment


Similar Part No. - 500R

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
500R CDE-500R Datasheet
789Kb / 7P
New Higher Ripple Current than Type 500C Screw Terminal Type
500R CDE-500R Datasheet
1Mb / 3P
Screw Terminal Mounting Hardware and Accessories
logo
Johanson Technology Inc...
500R05E100 JOHANSON-500R05E100 Datasheet
757Kb / 12P
MULTI-LAYER HIGH-Q CAPACITORS
500R05E101 JOHANSON-500R05E101 Datasheet
757Kb / 12P
MULTI-LAYER HIGH-Q CAPACITORS
500R05E470 JOHANSON-500R05E470 Datasheet
757Kb / 12P
MULTI-LAYER HIGH-Q CAPACITORS
More results

Similar Description - 500R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
Slide Switch
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
Slide Switch
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
Slide Switch
SSSS912000 ALPS-SSSS912000 Datasheet
395Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com