Electronic Components Datasheet Search
  English  ▼

X  

BCP69 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCP69
Description  PNP Silicon AF Transistor (For general AF application High collector current High current gain)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP69 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCP69 Datasheet HTML 1Page - Siemens Semiconductor Group BCP69 Datasheet HTML 2Page - Siemens Semiconductor Group BCP69 Datasheet HTML 3Page - Siemens Semiconductor Group BCP69 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon AF Transistor
BCP 69
Maximum Ratings
1
2
3
4
B
C
E
C
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BCP 69
BCP 69-10
BCP 69-16
BCP 69-25
Q62702-C2130
Q62702-C2131
Q62702-C2132
Q62702-C2133
BCP 69
BCP 69-10
BCP 69-16
BCP 69-25
SOT-223
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
VCES
20
25
V
Peak collector current
ICM
2
Base current
IB
100
mA
Collector current
IC
1A
Junction temperature
Tj
150
˚C
Total power dissipation, TS = 124 ˚C2)
Ptot
1.5
W
Storage temperature range
Tstg
– 65 … + 150
Collector-base voltage
VCB0
25
Thermal Resistance
Junction - ambient2)
Rth JA
≤ 72
K/W
Emitter-base voltage
VEB0
5
Peak base current
IBM
200
Junction - soldering point
Rth JS
≤ 17
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
For general AF application
q
High collector current
q
High current gain
q
Low collector-emitter saturation voltage
q
Complementary type: BCP 68 (NPN)
01.97


Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
logo
Weitron Technology
BCP69 WEITRON-BCP69 Datasheet
208Kb / 4P
PNP Silicon Epitaxial Transistor
logo
Unisonic Technologies
BCP69 UTC-BCP69 Datasheet
91Kb / 3P
PNP MEDIUM POWER TRANSISTOR
More results

Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
NPN Silicon AF Transistor (High current gain High collector current)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
PNP Silicon AF Transistors (High current gain High collector current)
BC807-16W SIEMENS-BC807-16W Datasheet
91Kb / 5P
PNP Silicon AF Transistor (For general AF applications High collector current High current gain)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
NPN Silicon AF Transistor (For general AF application High collector current High current gain)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCX69 SIEMENS-BCX69 Datasheet
145Kb / 4P
PNP Silicon AF Transistors (For general AF applications High collector current)
BDP948 SIEMENS-BDP948 Datasheet
39Kb / 4P
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
BDP952 SIEMENS-BDP952 Datasheet
40Kb / 4P
PNP Silicon AF Power Transistor (For AF drivers and output stages High collector current High current gain)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com