Electronic Components Datasheet Search
  English  ▼

X  

BCP55 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BCP55
Description  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCP55 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BCP55 Datasheet HTML 1Page - Siemens Semiconductor Group BCP55 Datasheet HTML 2Page - Siemens Semiconductor Group BCP55 Datasheet HTML 3Page - Siemens Semiconductor Group BCP55 Datasheet HTML 4Page - Siemens Semiconductor Group BCP55 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
BCP 54
... BCP 56
Maximum Ratings
Parameter
Symbol
BCP 54
Unit
Collector-emitter voltage
RBE
≤ 1kΩ
VCE0
VCER
45
45
V
Collector-base voltage
VCB0
45
Emitter-base voltage
VEB0
Collector current
IC
A
Base current
IB
mA
Total power dissipation, TS = 124 ˚C1)
Ptot
W
Junction temperature
Tj
˚C
Storage temperature range
Tstg
– 65 … + 150
Thermal Resistance
Junction - ambient1)
Rth JA
≤ 72
K/W
Peak collector current
ICM
Peak base current
IBM
BCP 55
60
60
60
1
100
1.5
150
1.5
200
Values
BCP 56
80
100
100
5
Junction - soldering point
Rth JS
≤ 17
1)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com