Electronic Components Datasheet Search
  English  ▼

X  

700A Datasheet(PDF) 1 Page - E-SWITCH

Part # 700A
Description  PUSHBUTTON SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

700A Datasheet(HTML) 1 Page - E-SWITCH

  700A Datasheet HTML 1Page - E-SWITCH 700A Datasheet HTML 2Page - E-SWITCH 700A Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
66
SERIES 700A SWITCHES
Specifications subject to change without notice.
Example Ordering Number
700A_ SP7_ B10_ M2_ Q _E_ H
PUSHBUTTON SWITCHES
M1
SPECIFICATIONS
Contact Rating:
Gold, 0.4 VA Max @ 20V (AC or DC) Max
Silver, 3A @ 120 VAC or 28 VDC, 1A @ 250 VAC
Life Expectancy:
50,000 cycles
Contact Resistance:
20m 1
Insulation Resistance:
1000M 1
Dielectric Strength:
1500V RMS
Operating Temperature: -30°C to 85°C
MATERIALS
Housing:
Nylon, UL94VO
Actuator:
Nylon, UL94VO
Contacts:
Brass, silver or gold plated
Terminals:
Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Snap acting contact design
Gold & silver contact options
Multiple termination options
IP-67 sealed design
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems
SERIES
CONTACT
MATERIAL
SP7
DP7
Q = Silver
R = Gold
MODEL NO.
700 A
M1
M2
M6
M7
VS2
VS3
TERMINATION
SEAL
E = Epoxy
seal on
terminals
(standard)
E
B10
B21
BUSHING
HARDWARE
H = Hardware
included
w/threaded
bushing
(standard)
SOLDER
SCHEMATIC


Similar Part No. - 700A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
700A102FCA50XT AVX-700A102FCA50XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
700A102GCA50XT AVX-700A102GCA50XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
700A102JCA50XT AVX-700A102JCA50XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
700A102JP50XT AVX-700A102JP50XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
700A102KCA50XT AVX-700A102KCA50XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
More results

Similar Description - 700A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com