Electronic Components Datasheet Search
  English  ▼

X  

700C Datasheet(PDF) 1 Page - E-SWITCH

Part # 700C
Description  PUSHBUTTON SWITCHES - LATCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

700C Datasheet(HTML) 1 Page - E-SWITCH

  700C Datasheet HTML 1Page - E-SWITCH 700C Datasheet HTML 2Page - E-SWITCH 700C Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
info@e-switch.com
69
SERIES 700C SWITCHES
Specifications subject to change without notice.
Example Ordering Number
700C_ SP7_ B60_ M1_ Q _E_ H
PUSHBUTTON SWITCHES - LATCHING
M1
SPECIFICATIONS
Contact Rating:
Gold, 0.4 VA Max @ 20V (AC or DC) Max
Silver, 3A @ 120 VAC or 28 VDC, 1A @ 250 VAC
Life Expectancy:
50,000 cycles
Contact Resistance:
20mΩ
Insulation Resistance:
1000MΩ
Dielectric Strength:
1000V RMS
Actuation Force:
SP7, 400 ±150 grams
DP7, 600 ±150 grams
Operating Temperature: -30°C to 85°C
Travel:
3.0 mm
MATERIALS
Case:
DAP, UL94VO
Actuator:
Nylon, UL94VO
Frame:
Stainless steel
Contacts:
Brass, silver or gold plated
Terminals:
Silver or gold plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Snap acting contact design
Gold & silver contact options
Multiple termination options
Snap-in panel mount option
Alternative action design
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems
SERIES
CONTACT
MATERIAL
SP7
Q = Silver
R = Gold
MODEL NO.
700 C
M1
M2
M6
M7
VS2
VS3
TERMINATION
SEAL
E = Epoxy
seal on
terminals
(standard)
E
B60
B70
B61
B71
BUSHING
HARDWARE
H = Hardware
included
w/threaded
bushing
(standard)
SOLDER
SCHEMATIC


Similar Part No. - 700C

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
700 MICROSEMI-700 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
Honeywell Solid State E...
700 HONEYWELL-700 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
List of Unclassifed Man...
700 ETC2-700 Datasheet
310Kb / 1P
PHENOLIC INSTRUMENT CASES
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
RC Terminator Networks
More results

Similar Description - 700C

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
Illuminated Latching Pushbutton Switches
logo
E-SWITCH
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
PS-12G CK-COMPONENTS-PS-12G Datasheet
559Kb / 16P
Latching pushbutton
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com