Electronic Components Datasheet Search
  English  ▼

X  

800B Datasheet(PDF) 1 Page - E-SWITCH

Part # 800B
Description  PUSHBUTTON SWITCHES - SUB-MINIATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

800B Datasheet(HTML) 1 Page - E-SWITCH

  800B Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
80
SERIES 800B SWITCHES
PUSHBUTTON SWITCHES - SUB-MINIATURE
WSP9
SCHEMATIC
Specifications subject to change without notice.
Example Ordering Number
800B_ WSP9_ SM6_ R_E
SPECIFICATIONS
Contact Rating:
0.4 VA max. @ 20 VAC or DC max. (gold)
3A @ 120 VAC or 28 VDC (silver)
1A @ 250 VAC (silver)
Life Expectancy:
50,000 make-and-break cycles at full load
Contact Resistance:
20 m 1typical initial @ 2-4 VDC, 100 mA
Insulation Resistance:
1,000 M 1min.
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature: -30°C to 85°C
Packaging:
Tape & Reel
MATERIALS
Case & Bushing:
High temperature material, glass filled 4/6 Nylon,
flame retardant, heat stabilized (UL94-V0)
Plunger:
High temperature material, glass filled Nylon 4/6,
flame retardant, heat stabilized (UL94-V0) Internal
O-Ring seal standard.
Switch Support:
Brass/Steel, tin or tin-lead plated.
Contacts/Terminals: Gold or silver plate over nickel plated copper alloy.
Terminal Seal:
Epoxy
FEATURES & BENEFITS
Surface mount design
Tape & reel packaging
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems
SERIES
CONTACT
MATERIAL
WSP8
WSP9
Q = Silver
R = Gold
MODEL NO.
800 B
HOW TO ORDER
SM6
TERMINATION
SEAL
E = Epoxy
Sealed at
Base
E
P.C. MOUNTING
Model No.
Type
WSP8
SPDT
WSP9
SPST


Similar Part No. - 800B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
189Kb / 1P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
800BAC ETC-800BAC Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
800BAC-WH ETC-800BAC-WH Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
E-SWITCH
800BWSP9SM6RE E-SWITCH-800BWSP9SM6RE Datasheet
189Kb / 1P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
More results

Similar Description - 800B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800B E-SWITCH-800B Datasheet
189Kb / 1P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
900 E-SWITCH-900 Datasheet
172Kb / 2P
SUB-MINIATURE SMT PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
Sealed Sub-Miniature Pushbutton Switches
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
Sealed Sub-Miniature SMT Pushbutton Switches
logo
E-SWITCH
800 E-SWITCH-800 Datasheet
725Kb / 5P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
PUSHBUTTON SWITCHES - SUB-MINIATURE
TL2201 E-SWITCH-TL2201 Datasheet
376Kb / 3P
PUSHBUTTON SWITCHES - SUB MINIATURE
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
Miniature pushbutton switches
logo
Grayhill, Inc
38FSP8B5M1QT GRAYHILL-38FSP8B5M1QT Datasheet
418Kb / 4P
Sub-Miniature Pushbutton Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com