Electronic Components Datasheet Search
  English  ▼

X  

VSML3710 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSML3710
Description  High Power Infrared Emitting Diode, 940 nm, GaAlAs/GaAs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSML3710 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSML3710 Datasheet HTML 1Page - Vishay Siliconix VSML3710 Datasheet HTML 2Page - Vishay Siliconix VSML3710 Datasheet HTML 3Page - Vishay Siliconix VSML3710 Datasheet HTML 4Page - Vishay Siliconix VSML3710 Datasheet HTML 5Page - Vishay Siliconix VSML3710 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81300
2
Rev. 1.4, 03-Nov-09
VSML3710
Vishay Semiconductors High Power Infrared Emitting Diode,
940 nm, GaAlAs/GaAs
Note
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
Note
Tamb = 25 °C, unless otherwise specified
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.5, tp = 100 μs
IFM
200
mA
Surge forward current
tp = 100 μs
IFSM
1A
Power dissipation
PV
160
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Acc. figure 11, J-STD-020
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, soldered on PCB
RthJA
250
K/W
0
20
40
60
80
100
120
140
160
180
0
1020
3040506070
8090100
21343
T
amb - Ambient Temperature (°C)
R
thJA = 250 K/W
0
20
40
60
80
100
120
0
10
203040
50607080
90 100
21344
R
thJA = 250 K/W
T
amb - Ambient Temperature (°C)
BASIC CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA, tp = 20 ms
VF
1.35
1.6
V
IF = 1 A, tp = 100 μs
VF
2.6
3
V
Temperature coefficient of VF
IF = 1 mA
TKVF
- 1.8
mV/K
Reverse current
VR = 5 V
IR
100
μA
Junction capacitance
VR = 0 V, f = 1 MHz, E = 0
Cj
25
pF
Radiant intensity
IF = 100 mA, tp = 20 ms
Ie
48
20
mW/sr
IF = 1 A, tp = 100 μs
Ie
60
mW/sr
Radiant power
IF = 100 mA, tp = 20 ms
φ
e
35
mW
Temperature coefficient of
φ
e
IF = 100 mA
TK
φ
e
- 0.6
%/K
Angle of half intensity
ϕ
± 60
deg
Peak wavelength
IF = 100 mA
λ
p
940
nm
Spectral bandwidth
IF = 100 mA
Δλ
50
nm
Temperature coefficient of
λ
p
IF = 100 mA
TK
λ
p
0.2
nm/K
Rise time
IF = 20 mA
tr
800
ns
IF = 1 A
tr
500
ns
Fall time
IF = 20 mA
tf
800
ns
IF = 1 A
tf
500
ns
Virtual source diameter
d
0.44
mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com