Electronic Components Datasheet Search
  English  ▼

X  

VT3060G Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VT3060G
Description  Dual High-Voltage Trench MOS Barrier Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT3060G Datasheet(HTML) 1 Page - Vishay Siliconix

  VT3060G Datasheet HTML 1Page - Vishay Siliconix VT3060G Datasheet HTML 2Page - Vishay Siliconix VT3060G Datasheet HTML 3Page - Vishay Siliconix VT3060G Datasheet HTML 4Page - Vishay Siliconix VT3060G Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 89236
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.40 V at IF = 5 A
VT3060G, VIT3060G
Vishay General Semiconductor
New Product
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder bath temperature 275 °C max. 10 s, per
JESD 22-B106
• AEC-Q101 qualified
• Compliant
to
RoHS
Directive
2002/95/EC
and
in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
For use in high frequency DC/DC converters, switching
power supplies, freewheeling diodes, OR-ing diode, and
reverse battery protection.
MECHANICAL DATA
Case: TO-220AB and TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS compliant, and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
PRIMARY CHARACTERISTICS
IF(AV)
2 x 15 A
VRRM
60 V
IFSM
150 A
VF at IF = 15 A
0.61 V
TJ max.
150 °C
TO-220AB
1
2
3
1
K
2
3
TO-262AA
PIN 1
PIN 2
PIN 3
K
PIN 1
PIN 2
CASE
PIN 3
TMBS
®
VT3060G
VIT3060G
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VT3060G
VIT3060G
UNIT
Maximum repetitive peak reverse voltage
VRRM
60
V
Maximum average forward rectified current
(fig. 1)
per device
IF(AV)
30
A
per diode
15
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - VT3060G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT3060G VISHAY-VT3060G Datasheet
173Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
08-Sep-09
VT3060G VISHAY-VT3060G Datasheet
142Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.40 V at IF = 5 A
09-Nov-17
VT3060G-E3 VISHAY-VT3060G-E3 Datasheet
156Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.40 V at IF = 5 A
15-Dec-16
VT3060G-E3 VISHAY-VT3060G-E3 Datasheet
202Kb / 6P
Dual High Voltage Trench MOS Barrier Schottky Rectifier
16-Mar-18
VT3060G-E3/4W VISHAY-VT3060G-E3/4W Datasheet
173Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
08-Sep-09
More results

Similar Description - VT3060G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jun-09
V50100PW VISHAY-V50100PW Datasheet
84Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
24-Feb-10
VF30120C VISHAY-VF30120C_10 Datasheet
78Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
VF40150C VISHAY-VF40150C_10 Datasheet
79Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
10-Nov-10
V30100PW-M3 VISHAY-V30100PW-M3 Datasheet
77Kb / 4P
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
09-Feb-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com