Electronic Components Datasheet Search
  English  ▼

X  

XT36C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XT36C
Description  Surface Mount Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XT36C Datasheet(HTML) 1 Page - Vishay Siliconix

  XT36C Datasheet HTML 1Page - Vishay Siliconix XT36C Datasheet HTML 2Page - Vishay Siliconix XT36C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35010
For technical questions, contact: frequency@vishay.com
www.vishay.com
Revision: 09-Mar-10
1
Surface Mount Crystal
XT36C
Vishay Dale
The XT36C part is a miniature SMD crystal with 8.0 x 4.5
ceramic package and a height of 1.8 mm maximum. It is
widely applied in notebook computer, PCMCIA, and
communication equipment.
FEATURES
• Miniature size: 8.0 x 4.5 x 1.8 (mm)
• Wide frequency range
• Glass sealing
• Emboss taping
• Compliant to RoHS directive 2002/95/EC
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
UNIT
MIN.
TYP.
MAX.
Frequency range
FO
MHz
10.000
-
70.000
Frequency tolerance
ΔF/FO
at 25 °C
ppm
-
± 50
-
Temperature stability
TC
ref. to 25 °C
ppm
-
± 50
-
Operating temperature range
TOPR
°C
- 10
-
+ 60
Storage temperature range
TSTG
°C
- 55
-
+ 125
Shunt capacitance
C0
pF
-
-
7
Load capacitance
CL
customer specified
pF
10
-
series
Insulation resistance
IR
100 VDC
M
Ω
500
-
-
Drive level
DL
μW
-
10
500
Aging
Fa
at 25 °C, per year
ppm
- 5
-
+ 5
EQUIVALENT SERIES RESISTANCE (ESR) AND MODE OF VIBRATION (MODE)
FREQUENCY RANGE (MHz)
MAX. ESR (Ω)
MODE
FREQUENCY RANGE (MHz)
MAX. ESR (Ω)MODE
10.000 to 10.999
110
fundamental
20.000 to 31.999
25
fundamental
11.000 to 14.099
50
fundamental
32.000 to 47.999
110
3rd overtone
14.100 to 17.999
45
fundamental
48.000 to 70.000
100
3rd overtone
18.000 to 19.999
30
fundamental
DIMENSIONS in inches [millimeters]
0.260 [6.6]
0.094 [2.4]
0.110 [2.8]
Recommended Solder Pattern
0.071 [1.80] max.
MARKING
AREA
0.315 ± 0.012
[8.00 ± 0.3]
0.177 ± 0.012
[4.5 ± 0.3]
0.059
[1.5]
0.079 ± 0.002
[2.0 ± 0.05]


Similar Part No. - XT36C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT36C VISHAY-XT36C Datasheet
104Kb / 3P
Surface Mount Crystal
18-Oct-07
More results

Similar Description - XT36C

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
Surface Mount Crystal
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
SURFACE MOUNT CRYSTAL
logo
ECM Electronics Limited...
CM309S ECM-CM309S Datasheet
69Kb / 1P
Surface Mount Crystal
ECX6034 ECM-ECX6034 Datasheet
71Kb / 1P
Surface Mount Crystal
logo
Vishay Siliconix
XT36C VISHAY-XT36C Datasheet
104Kb / 3P
Surface Mount Crystal
18-Oct-07
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
logo
Raltron Electronics Cor...
R1612-26.000-8-F-3030-EXT RALTRON-R1612-26.000-8-F-3030-EXT Datasheet
136Kb / 3P
SURFACE MOUNT CRYSTAL
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
Surface Mount Crystal
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
SURFACE MOUNT CRYSTAL
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
SURFACE MOUNT CRYSTAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com