Electronic Components Datasheet Search
  English  ▼

X  

XTM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XTM
Description  Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XTM Datasheet(HTML) 1 Page - Vishay Siliconix

  XTM Datasheet HTML 1Page - Vishay Siliconix XTM Datasheet HTML 2Page - Vishay Siliconix XTM Datasheet HTML 3Page - Vishay Siliconix XTM Datasheet HTML 4Page - Vishay Siliconix XTM Datasheet HTML 5Page - Vishay Siliconix XTM Datasheet HTML 6Page - Vishay Siliconix XTM Datasheet HTML 7Page - Vishay Siliconix XTM Datasheet HTML 8Page - Vishay Siliconix XTM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
XTH, XTK, XTL, XTM, XTV
www.vishay.com
Vishay
Revision: 25-Jul-11
1
Document Number: 42077
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wet Tantalum Capacitors
Cylindrical Body, Hermetically Sealed
FEATURES
• High temperature
• High voltage
• High capacitance
• Withstands high frequency vibration to 2000 Hz
• Hermetically sealed
• Long shelf life
• DSCC drawings 04032 and 04033
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55 °C to + 175 °C with proper
derating
Voltage Range: 8 VDC to 630 VDC at 85 °C
Reverse Voltage: None
Capacitance Range: 2 μF to 2200 μF
Tolerance Range:
- 15 % to + 50 % (standard for XTK, XTM, XTV)
- 15 % to + 75 % (standard for XTH, XTL)
± 20 % (special order)
Note
• For styles, terminal configurations, mounting methods and hardware, please see pages following standard ratings table
ORDERING INFORMATION
XTV
126
T
630
P
0
A
MODEL
CAPACITANCE
CODE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING
CASE CODE
INSULATION
TERMINAL
CONFIGURATION
XTH
XTK
XTL
XTM
XTV
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
T = - 15 % to + 50 %
(XTK, XTM, XTV standard)
U = - 15 % to + 75 %
(XTH, XTL standard)
M = ± 20 %
(special order)
This is expressed
in volts. To
complete the
three-digit block,
zeros precede the
voltage rating.
P = Polar
(case negative)
R = Reverse
polarity
(case positive)
0 = Uninsulated
(standard)
4 = Teflon
(+ 175 °C limit)
See Styles
DIMENSIONS in inches [millimeters]
XTH-XTL-XTV
XTK-XTM
TYPE
D
H
XTK - XTM
0.656
0.438 to 1.781
XTL - XTH
0.875
0.540 to 4.062
XTV
1.125
0.600 to 2.810
H
5/16 ± 1/16
(+)
D
Case
negative
H
(+)
D
0.281
± 0.062
2.250
± 0.250
2.250
± 0.250
0.281
± 0.062
(-)


Similar Part No. - XTM

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
XTM TRANSKO-XTM Datasheet
368Kb / 1P
CERAMIC TRAP (3pins type)
Rev. 1: Jul. 2014
XTMJ TRANSKO-XTMJ Datasheet
375Kb / 1P
CERAMIC TRAP (2pin type)
Rev. 1: Jul. 2014
logo
Texas Instruments
XTMUXHS4212RKSR TI1-XTMUXHS4212RKSR Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
XTMUXHS4612RET TI-XTMUXHS4612RET Datasheet
1Mb / 30P
TMUXHS4612 6-Channel 20Gbps Differential 2:1 Mux / 1:2 Demux
JUNE 2024
XTMUXHS5212DTYT TI2-XTMUXHS5212DTYT Datasheet
1Mb / 21P
TMUXHS5212 32Gbps Two-Channel Differential 2:1 Mux or 1:2 Demux
JULY 2026
More results

Similar Description - XTM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
138D VISHAY-138D Datasheet
253Kb / 7P
Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
15-Oct-03
MTPH VISHAY-MTPH Datasheet
58Kb / 2P
Wet Tantalum Capacitors
02-Sep-03
logo
Cornell Dubilier Electr...
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Vishay Siliconix
138D VISHAY-138D_08 Datasheet
122Kb / 8P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
17-Mar-08
logo
Kemet Corporation
CSRXXB565KM KEMET-CSRXXB565KM Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED
logo
Cornell Dubilier Electr...
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
logo
Kemet Corporation
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com