Electronic Components Datasheet Search
  English  ▼

X  

RRA Datasheet(PDF) 1 Page - E-SWITCH

Part # RRA
Description  RRA Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

RRA Datasheet(HTML) 1 Page - E-SWITCH

  RRA Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EXAMPLE PART NUMBERS:
RRA1G31100
2P On-On
Black Body/Actuator, No Marking
RRA1631100
2P On-Off-On
Black Body/Actuator, INo Marking
RRA Series
FEATURES:
• Up to 2 Pole and 2 Throw
• High Ratings with UL Approvals
• Full Illumination Options
• PVC Cap for Water Protection
SPECIFICATIONS:
RATING: RATING OPTION C:
15A 125VAC [UR, CUR]
10A 250VAC [UR, CUR]
1/3HP 125/250VAC [UR, CUR]
RATING OPTION 3:
10A 125VAC [UR, CUR]
TEMPERATURE: -20°C to 105°C [UR, CUR]
ELECTRICAL LIFE: 10,000 Cycles
CONTACT RESISTANCE: 35m
 Max. at 50VAC
INSULATION RESISTANCE: 100M
 Min. at 500VAC
DIELECTRIC STRENGTH: 1,500VAC for 1 Minute
MATERIALS:
BODY: Polyamide 6/6, UL94 V-2
ACTUATOR: Polyamide 6/6, UL94 V-2
Polycarbonate, UL94 V-2
CONTACTS: Silver Alloy
TERMINALS: Silver Plated Copper
RRA16C112S / ACC-P04
Body
Actuator
Marking Marking
Lens
Lens
Lamp
Series
Terminal
Function
Rating
Color
Color
Color
Type
Style
Color
Voltage
RRA
1 - 4.8mm Tab 1 Pole:
3 - 10A 125VAC
1 - Black
0 - Full Illum. 0 - None
0 - None
1 - Full
0 - Clear
3 - 6V
1 - Off-On
C -15A 125VAC
2 - White
1 - Black
1 - Black
1 - I/O Vert.
1 - Red
4 - 12V
3 - On-On
3 - Almond 2 - White
2 - White
2 - ON/OFF/ON Vert.
2 - Amber
5 - 24V
5 - On-Off-On
4 - Grey
3 - Almond
8 - Red
3 - ON/OFF Vert.
3 - Green
6 - 125V
9 - Red
4 - Grey
4 - ON/OFF Horiz.
4 - Blue
7 - 250V
2 Pole:
5 - Orange
9 - I/O/II Horiz.
2 - Off-On
7 - Blue
S - I/O/II Vert.
G - On-On
8 - Green
R - I/O Horiz.
6 - On-Off-On
9 - Red
Custom Colors and Markings Available Upon Request
For Illuminated Switches Only
RRA1631129
Front
Panel Mount
High
Temperature
High
Amperage
Illuminated
Water
Protection
P.O. Box 25110 • Portland, OR 97298 USA • www.lambind.com
20
Ph: 503-297-8878 • Fax: 503-297-8879
LAMB
INDUSTRIES
LAMB
INDUSTRIES


Similar Part No. - RRA

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RRA-11003D08A3 RSG-RRA-11003D08A3 Datasheet
632Kb / 4P
DC/DC-Converter
RRA-11003S08A3 RSG-RRA-11003S08A3 Datasheet
632Kb / 4P
DC/DC-Converter
RRA-11005D08A3 RSG-RRA-11005D08A3 Datasheet
632Kb / 4P
DC/DC-Converter
RRA-11005S08A3 RSG-RRA-11005S08A3 Datasheet
632Kb / 4P
DC/DC-Converter
RRA-11012D08A3 RSG-RRA-11012D08A3 Datasheet
632Kb / 4P
DC/DC-Converter
More results

Similar Description - RRA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Insel Rectifier India P...
STAMFORD IRI-STAMFORD Datasheet
1Mb / 2P
RRA
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com