Electronic Components Datasheet Search
  English  ▼

X  

TL2201 Datasheet(PDF) 1 Page - E-SWITCH

Part # TL2201
Description  PUSHBUTTON SWITCHES - SUB MINIATURE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL2201 Datasheet(HTML) 1 Page - E-SWITCH

  TL2201 Datasheet HTML 1Page - E-SWITCH TL2201 Datasheet HTML 2Page - E-SWITCH TL2201 Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
info@e-switch.com
51
SERIES TL 2201 SWITCHES
Specifications subject to change without notice.
SERIES
MECHANICAL
CONFIGURATION
TERMINATION
ACTUATOR
("L" Dimension)
2230
2285
EE = Latching
OA = Momentary
See Cap Section
CAP
(Where Avail.)
CAP
COLOR
MODEL NO.
TL
Example Ordering Number
TL _ 2201_ EE_ Y_ B_.09_ BLK
PUSHBUTTON SWITCHES - SUB MINIATURE
SPECIFICATIONS
Contact Rating:
100mA@30 VDC
Life Expectancy:
10,000 cycles
Contact Resistance:
100mΩ max.
Insulation Resistance:
100MΩ min.
Dielectric Strength:
500 VAC
Actuation Force:
See individual model
Travel:
See individual model
MATERIALS
Housing:
PBT
Actuator:
Acetal
Cover:
Acetal
Contacts:
Silver plated phosphor bronze
Terminals:
Silver plated copper alloy
Spring:
Stainless steel
Latching Pin:
Stainless steel
HOW TO ORDER
(None) = Std.
TL
(None) = Std.
2201 = DPDT
4201 = 4PDT
EE = Latching
OA = Momentary
See Cap Section
X
Y
Z
TL
A
B
2202*
2203
EE = Latching
OA = Momentary
*Note: TL 2202 is an MBB (shorting)
version.
FEATURES & BENEFITS
Momentary & latching designs
Long travel
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems
TL 2230
SCHEMATIC
P.C. MOUNTING


Similar Part No. - TL2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TL220 ETC2-TL220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
TL220 ETC2-TL220 Datasheet
219Kb / 2P
Industrial Test Leads, Probes & Clips
logo
E-SWITCH
TL2205 E-SWITCH-TL2205 Datasheet
211Kb / 2P
ILLUMINATED PUSHBUTTON SWITCH
TL2205EEBPBA E-SWITCH-TL2205EEBPBA Datasheet
211Kb / 2P
ILLUMINATED PUSHBUTTON SWITCH
TL2205EEBPBB E-SWITCH-TL2205EEBPBB Datasheet
211Kb / 2P
ILLUMINATED PUSHBUTTON SWITCH
More results

Similar Description - TL2201

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800B E-SWITCH-800B Datasheet
189Kb / 1P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
900 E-SWITCH-900 Datasheet
172Kb / 2P
SUB-MINIATURE SMT PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
Sealed Sub-Miniature Pushbutton Switches
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
Sealed Sub-Miniature SMT Pushbutton Switches
logo
E-SWITCH
800 E-SWITCH-800 Datasheet
725Kb / 5P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
Miniature pushbutton switches
logo
Grayhill, Inc
38FSP8B5M1QT GRAYHILL-38FSP8B5M1QT Datasheet
418Kb / 4P
Sub-Miniature Pushbutton Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com