Electronic Components Datasheet Search
  English  ▼

X  

TL3310 Datasheet(PDF) 1 Page - E-SWITCH

Part # TL3310
Description  TACT SWITCHES SMT - NORMALLY CLOSED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL3310 Datasheet(HTML) 1 Page - E-SWITCH

  TL3310 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
18
SERIES TL 3310 SWITCHES
Specifications subject to change without notice.
SERIES
OPERATING
FORCE
CONTACT
MATERIAL
ACTUATOR
("L" Dimension)
3310
F120 - white
F200 - black
Q = Silver
G = Gull Wing
MODEL NO.
TL
Example Ordering Number
TL _ 3310 _ A_ F120_ Q_G
TACT SWITCHES SMT - NORMALLY CLOSED
TL 3310
SPECIFICATIONS
Contact Rating:
50mA @ 50 VDC
Life Expectancy:
100,000 cycles-F100
50,000 cycles-F200
Contact Resistance:
100mΩ max., typical @ 2-4 VDC
Insulation Resistance:
1000MΩ
Dielectric Strength:
250 VAC
Actuation Force:
100± 40 gf, 200± 50 gf
Operating Temperature: -20°C to 70°C
-30°C to 80°C
Travel:
0.3mm ± 0.15mm (100gf)
0.5mm ± 0.2mm (200gf)
MATERIALS
Housing:
Polyphenylene Sulfide (PPS)
Actuator:
Silicon Rubber
Cover:
Stainless Steel
Contacts:
Silver plated phosphor bronze
Terminals:
Silver plated brass strip
HOW TO ORDER
A= 2.5mm
TERMINATION
FEATURES & BENEFITS
SMT tact
Normally closed tact switch
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals
P.C. MOUNTING
SCHEMATIC
TL


Similar Part No. - TL3310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331 TI-TL331 Datasheet
60Kb / 4P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331 Datasheet
161Kb / 6P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
Single Differential Comparator
TL331 TI1-TL331 Datasheet
995Kb / 21P
TL331B, TL391B and TL331 Single Comparators
logo
ON Semiconductor
TL331 ONSEMI-TL331 Datasheet
1Mb / 7P
Comparator, Single Channel, Open Collector, Low Power, Wide Supply Range
May, 2018 ??Rev. 2
More results

Similar Description - TL3310

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
901 E-SWITCH-901 Datasheet
122Kb / 1P
TACT SWITCHES SMT
TL3302 E-SWITCH-TL3302_1 Datasheet
168Kb / 2P
TACT SWITCHES SMT - RECTANGULAR
TL3340 E-SWITCH-TL3340 Datasheet
186Kb / 1P
TACT SWITCHES SMT - SUBMINIATURE
TL3342 E-SWITCH-TL3342 Datasheet
150Kb / 1P
TACT SWITCHES SMT
TL3342F160QG E-SWITCH-TL3342F160QG Datasheet
1Mb / 2P
TACT SWITCHES SMT
logo
Adam Technologies, Inc.
SW-C-1P1C-VT-SMT-73-06 ADAM-TECH-SW-C-1P1C-VT-SMT-73-06 Datasheet
81Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VG-SMT-16-07-X ADAM-TECH-SW-C-1P1T-VG-SMT-16-07-X Datasheet
78Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VT-SMT-25-04 ADAM-TECH-SW-C-1P1T-VT-SMT-25-04 Datasheet
74Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-1P1T-VT-SMT-A11116 ADAM-TECH-SW-C-1P1T-VT-SMT-A11116 Datasheet
70Kb / 1P
TACT SWITCHES SMT TYPE
SW-C-RA-H1185-X ADAM-TECH-SW-C-RA-H1185-X Datasheet
84Kb / 1P
TACT SWITCHES SMT TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com