Electronic Components Datasheet Search
  English  ▼

X  

ULP Datasheet(PDF) 1 Page - E-SWITCH

Part # ULP
Description  PUSHBUTTON SWITCHES - LIGHTED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ULP Datasheet(HTML) 1 Page - E-SWITCH

  ULP Datasheet HTML 1Page - E-SWITCH ULP Datasheet HTML 2Page - E-SWITCH ULP Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
84
SERIES ULP SWITCHES
PUSHBUTTON SWITCHES - LIGHTED
Specifications subject to change without notice.
MODEL
EE = Latching
OA = Momentary
MECHANICAL
CONFIGURATION
Example Ordering Number
ULP_ 12_ EE_ P1_ Q_SF_ CL1_ RED_GRN
SPECIFICATIONS
Contact Rating:
Gold, 0.4VA Max @ 28V (AC or DC)
Silver, 0.5A @ 25VDC; 0.2A @ 250VAC
Life Expectancy (Mechanical): 1,000,000 cycles
Life Expectancy (Electrical):
200,000 cycles silver
200,000 cycles gold
Contact Resistance:
50mΩ silver, 100mΩ gold (initial max)
Insulation Resistance:
100MΩ @ 500 VDC
Dielectric Strength:
1000VAC for 60 seconds
Actuation Force:
200 ±100 grams SPDT
300 ±150 grams DPDT
Operating Temperature: -20°C to 70°C
HOW TO ORDER
FEATURES & BENEFITS
Positive tactile response
Available in illuminated or
non-illuminated
Many color options available
APPLICATIONS/MARKETS
Telecommunications/Networking
Performance audio
Instrumentation
Low power on/off designs
Computers/servers/peripherals
BLU = Blue
GRN= Green
RED = Red
NIL = No LED
12 = SPDT
22 = DPDT
LED #2
SERIES
ULP
BLU = Blue
GRN= Green
RED = Red
NIL = No LED
LED #1
CONTACT
MATERIAL
Q = Silver
R = Gold
P1 = PC pins
M1 = Solder lugs*
TERMINATION
CAP
STYLE
SS = Square/
Sculptured
SF = Square Flat
RF = Rectangular
Flat
PM=Panel Mount
LS = Large
Sculptured
CL1 = Clear Lens/
White Diffuser
OP1 = Black Opaque/
No LED
CAP
COLOR
*Note: PM version only
RECTANGULAR FLAT


Similar Part No. - ULP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ULP-105 MINI-ULP-105 Datasheet
666Kb / 3P
Low Pass Filter
ULP-105+ MINI-ULP-105+ Datasheet
666Kb / 3P
Low Pass Filter
ULP-1094 MINI-ULP-1094 Datasheet
520Kb / 3P
Low Pass Filter
ULP-1094+ MINI-ULP-1094+ Datasheet
520Kb / 3P
Low Pass Filter
ULP-120 MINI-ULP-120 Datasheet
566Kb / 3P
Low Pass Filter
More results

Similar Description - ULP

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
Omron Electronics LLC
A3PA-7010-2 OMRON-A3PA-7010-2 Datasheet
2Mb / 27P
Large Square-bodied Lighted Pushbutton Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
Carling Technologies
LTA201-PR-B-A CARLINGTECH-LTA201-PR-B-A Datasheet
606Kb / 4P
Single Pole Lighted Rocker Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
logo
Omron Electronics LLC
A16 OMRON-A16 Datasheet
6Mb / 28P
Pushbutton Switch (Detachable) (Lighted/Non-Lighted) (Cylindrical 16-dia.)
A3C OMRON-A3C Datasheet
2Mb / 14P
Pushbutton Switch (Lighted/Non-Lighted) (Cylindrical 12-dia.)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com