Electronic Components Datasheet Search
  English  ▼

X  

IRS21844 Datasheet(PDF) 2 Page - International Rectifier

Part # IRS21844
Description  HALF-BRIDGE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS21844 Datasheet(HTML) 2 Page - International Rectifier

  IRS21844 Datasheet HTML 1Page - International Rectifier IRS21844 Datasheet HTML 2Page - International Rectifier IRS21844 Datasheet HTML 3Page - International Rectifier IRS21844 Datasheet HTML 4Page - International Rectifier IRS21844 Datasheet HTML 5Page - International Rectifier IRS21844 Datasheet HTML 6Page - International Rectifier IRS21844 Datasheet HTML 7Page - International Rectifier IRS21844 Datasheet HTML 8Page - International Rectifier IRS21844 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.irf.com
© 2008 International Rectifier
2
IRS21844MPBF
Description
The IRS21844MPBF is a high voltage, high speed power MOSFET and IGBT drivers with dependent high
and low-side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable
ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output,
down to 3.3 V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver
cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the
high-side configuration which operates up to 600 V.
Feature Comparison: IRS2181(4)/IRS2183(4)/IRS2184(4)
Qualification Information
†
Industrial
††
(per JEDEC JESD 47)
Qualification Level
Comments: This IC has passed JEDEC’s Industrial
qualification.
IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
Moisture Sensitivity Level
MLPQ4x4 14L
MSL2
†††
(per IPC/JEDEC J-STD-020)
Machine Model
Class A (+/-100V)
(per JEDEC standard JESD22-A115)
Human Body Model
Class 1C (+/-1500V)
(per EIA/JEDEC standard EIA/JESD22-A114)
ESD
Charged Device Model
Class III (+/-1000V)
(per JEDEC standard JESD22-C101)
IC Latch-Up Test
Class II, Level A
(per JESD78A)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements.
Please
contact your International Rectifier sales representative for further information.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.
Part
Input
Logic
Cross-
Conduction
Prevention
logic
Dead-Time
Ground
Pins
Ton/Toff
2181
COM
21814
HIN/LIN
no
none
VSS/COM
180/220 ns
2183
Internal 500ns
COM
21834
HIN/LIN
yes
Programmable 0.4 – 5 us
VSS/COM
180/220 ns
2184
Internal 500ns
COM
21844
IN/SD
yes
Programmable 0.4 – 5 us
VSS/COM
680/270 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com