Electronic Components Datasheet Search
  English  ▼

X  

6A2 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 6A2
Description  Silicon Rectifier, 6.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

6A2 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  6A2 Datasheet HTML 1Page - Naina Semiconductor ltd. 6A2 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Features
•
Diffused junction
•
Low cost
•
Low reverse leakage current
•
High current capability & low forward voltage drop
•
Plastic material carrying UL recognition 94V
•
Polarity: Color Band denotes Cathode
•
Lead free finish
Thermal and Mechanical Specifications
(TA
specified)
Parameters
Symbol
Maximum operating junction
temperature range
Maximum storage temperature range
Typical thermal resistance junction to
ambient
Approximate weight
Electrical Characteristics
(TA = 25
0C unless otherwise specified
Parameter
Symbol
Maximum repetitive peak reverse
voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward output
current @ TA = 50
0C
Peak forward surge current (8.3ms)
single half sine-wave superimposed
on rated load
Maximum DC forward voltage drop
per element @ 10 A
Typical junction capacitance
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25
0C
TA = 100
0C
emiconductor Ltd.
6A05
Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120
sales@nainasemi.com
•
www.nainasemi.com
Silicon Rectifier, 6.0A
High current capability & low forward voltage drop
Plastic material carrying UL recognition 94V-0
JEDEC R
A = 25
0C unless otherwise
Symbol
Values
Units
TJ
-55 to
+150
0C
TStg
-55 to
+150
0C
RθJA
10
0C/W
W
2.1
g
C unless otherwise specified)
Symbol
6A05
6A1
6A2
6A4
6A6
VRRM
50
100
200
400
600
VRMS
35
70
140
280
420
VDC
50
100
200
400
600
IF(AV)
6.0
IFSM
400
VF
0.9
CJ
150
IR
10
100
A05 - 6A10
4205450
•
Fax: 0120-4273653
JEDEC R-6
6A8
6A10
Units
800
1000
V
560
700
V
800
1000
V
A
A
V
pF
µA


Similar Part No. - 6A2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
6A2 RECTRON-6A2 Datasheet
24Kb / 2P
SILICON RECTIFIER
logo
Jinan Gude Electronic D...
6A2 JGD-6A2 Datasheet
149Kb / 2P
6.0 AMP.SILICON RECTIFIERS
logo
Bytes
6A2 BYTES-6A2 Datasheet
150Kb / 2P
6.0 AMP SILICON RECTIFIERS
logo
Dc Components
6A2 DCCOM-6A2 Datasheet
449Kb / 2P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Diodes Incorporated
6A2 DIODES-6A2 Datasheet
62Kb / 2P
6.0A SILICON RECTIFIER
DS28009 Rev. F-2
More results

Similar Description - 6A2

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P600A WTE-P600A Datasheet
36Kb / 3P
6.0A SILICON RECTIFIER
logo
Diodes Incorporated
6A05 DIODES-6A05 Datasheet
62Kb / 2P
6.0A SILICON RECTIFIER
DS28009 Rev. F-2
LT6A01 DIODES-LT6A01 Datasheet
52Kb / 2P
6.0A RECTIFIER
DS28008 Rev. G-3
6A05 DIODES-6A05_1 Datasheet
63Kb / 3P
6.0A SILICON RECTIFIER
DS28009 Rev. 7 - 2
logo
TAITRON Components Inco...
T6A05 TAITRON-T6A05 Datasheet
213Kb / 6P
6.0A Standard Rectifier
TB605 TAITRON-TB605 Datasheet
176Kb / 4P
6.0A Single-Phase Silicon Bridge Rectifier
logo
Diodes Incorporated
6A05 DIODES-6A05_2 Datasheet
90Kb / 3P
6.0A SILICON RECTIFIER
DS28009 Rev. 9 - 2
logo
SUNMATE electronic Co.,...
MR750 SUNMATE-MR750 Datasheet
217Kb / 2P
6.0A Axial Leaded Silicon Rectifier
logo
Diodes Incorporated
6A05 DIODES-6A05_15 Datasheet
90Kb / 3P
6.0A SILICON RECTIFIER
Rev erse
logo
Naina Semiconductor ltd...
6A05 NAINA-6A05_17 Datasheet
113Kb / 2P
Silicon Rectifier, 6.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com