Electronic Components Datasheet Search
  English  ▼

X  

MPU30 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MPU30
Description  30W Desk Top Switching Power Supplies For Medical Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPU30 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MPU30 Datasheet HTML 1Page - MPS Industries, Inc. MPU30 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Number
Output Voltage
Output Current
Total Regulation
MPU30-102
5 ~
6 VDC
5.00 ~
4.16 A
5%
25W
MPU30-103
6 ~
8 VDC
4.16 ~
3.12 A
5%
25W
MPU30-104
8 ~ 11 VDC
3.75 ~
2.72 A
4%
30W
MPU30-105
11 ~ 13 VDC
2.72 ~
2.30 A
3%
30W
MPU30-106
13 ~ 16 VDC
2.30 ~
1.87 A
3%
30W
MPU30-107
16 ~ 21 VDC
1.87 ~
1.42 A
3%
30W
MPU30-108
21 ~ 27 VDC
1.42 ~
1.11 A
2%
30W
MPU30-109
27 ~ 33 VDC
1.11 ~
0.90 A
2%
30W
MPU30-110
33 ~ 40 VDC
0.90 ~
0.75 A
2%
30W
Output Voltage And Current Rating Chart (Single Output) :
Note:
1. Dimensions are shown in
mm.
2. Weight: 400-460gs approx.
3. Optional output connector:
See page Appendix.
inches or
Mechanical Specifications:
Output Voltage And Current Rating Chart ( Multi Output ) :
Output # 1
Output #2
Output #3
Vonom Iomin Iomax Regmax Vonom
Iomin Iomax Regmax Vonom Iomin Iomax Regmax
Model
Number
MPU30-200
MPU30-201
MPU30-202
MPU30-203
MPU30-204
MPU30-209
MPU30-210
MPU30-215
MPU30-302
MPU30-303
MPU30-304
MPU30-305
MPU30-306
+3.3V
+3.3V
+12V
+15V
+5V
+5V
+5V
+5V
+3.3V
0.3A
0.3A
0.3A
0.3A
0.3A
0.2A
3A
3A
3A
3A
3A
2A
1.5A
2.5A
7%
5%
5%
5%
7%
5%
5%
5%
5%
5%
5%
5%
7%
+12V
+12V
+15V
+24V
+5V
-12V
-15V
-24V
+12V
+15V
+24V
+24V
+12V
0.13A
0.1A
0.07A
0.16A
1.3A
1.3A
1.0A
0.7A
1.6A
0.5A
0.5A
1.0A
5%
5%
5%
5%
5%
10%
10%
10%
5%
5%
5%
5%
5%
-12V
-15V
-24V
-12V
-5V
10%
10%
10%
10%
10%
25W
30W
30W
30W
17.9W
30W
30W
30W
30W
30W
30W
30W
25W
Output Power
Output Power
+5V
+5V
+5V
+5V
30W Desk Top Switching Power Supplies For Medical Equipment.
MPU30-301
+5V
5%
+12V
5%
-5V
0A
10%
25W
2A
0.2A
1.3A
2A
1.0A
2A
1.0A
2.5A
1.0A
2.5A
1.0A
0.5A
2.5A
1.1A
0.5A
0.2A
0.2A
0.25A
Maximum
0A
0A
0A
0A
0A
0.5A
0.5A
0.5A
0.5A
0.1A
0.1A
0.1A
0.1A
0.11A
Maximum
MPU30 SERIES
0A
0A
0A
MPU30-101
3 ~
5 VDC
6.66 ~
4.00 A
5%
20W
0.25A
0.25A
0.25A
0.15A
0.13A
0.13A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com