Electronic Components Datasheet Search
  English  ▼

X  

MX5011 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MX5011
Description  MEDICAL GRADE COMMON MODE CHOKE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MX5011 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MX5011 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL
SCHEMATIC
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
MEDICAL GRADE
COMMON MODE CHOKE
MX5011
ELECTRICAL SPECIFICATION @ 25OC
Part No.
MX5011-
OCL 10KHz
µH Min
(1-2)
DCR
Ω Max
(1-2)
SRF
MHz
Min
I
RMS
A
Max
3R0
3.0
0.120
80
1.0
24
24
0.050
50
2.0
36
36
0.050
40
2.0
50
48
0.120
30
1.5
101
100
0.50
10
0.5
Product performance is limited to specified parameters.
Data is subject to change without prior notice.
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
• Good for use in Medical Switch Mode Power Supply applications
• Complies with IEC60950 and UL60601 reinforced isolation
• Designed for HF/RF attenuation
• Operating Temperature: -40°C to +100°C
• RoHS Compliant Product
• Custom design available upon request
Note:
• Turns Ratio: 1:1 ±5% (1-2 to 4-3)
• Hipot: 4000VRMS (1-2 to 4-3)
• Polarity: 1 and 4 are in phase
• I
RMS: Temperature change of 35°C rise max at rated IRMS


Similar Part No. - MX5011

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MX5012 MPSIND-MX5012 Datasheet
168Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5012-102 MPSIND-MX5012-102 Datasheet
168Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5012-202 MPSIND-MX5012-202 Datasheet
168Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5012-302 MPSIND-MX5012-302 Datasheet
168Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5012-501 MPSIND-MX5012-501 Datasheet
168Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
More results

Similar Description - MX5011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
MX5012 MPSIND-MX5012 Datasheet
168Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5013 MPSIND-MX5013 Datasheet
170Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5021 MPSIND-MX5021 Datasheet
173Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5022 MPSIND-MX5022 Datasheet
178Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
MX5023 MPSIND-MX5023 Datasheet
181Kb / 1P
MEDICAL GRADE COMMON MODE CHOKE
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com