Electronic Components Datasheet Search
  English  ▼

X  

N5130 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # N5130
Description  RJ-45 10/100 BASE-TX Jack with Magnetic Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

N5130 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  N5130 Datasheet HTML 1Page - MPS Industries, Inc. N5130 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product performance is limited to specified parameter. Data is subject to change without prior notice.
2
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
RJ-45 10/100 BASE-TX Jack
with Magnetic Module
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
N5110
N5120
N5130
1CT:1CT
1CT:1CT
6
2
3
1
4
5
7
8
2
1
3
4
6
7
8
75 x4
RJ45
SHIELD
1000pF, 2kV
TD+
TD-
RD+
RCT
RD-
TCT
RX-
RX+
TX-
TX+
1CT:1CT
1CT:1CT
3
1
6
2
4
5
7
8
1
3
6
5
4
2
8
75 x4
RJ45
1000pF, 2kV
TD+
TD-
RD+
RCT
RD-
TCT
RX-
RX+
TX-
TX+
1CT:1CT
1CT:1CT
6
2
3
1
4
5
7
8
4
2
7
8
75 x8
RJ45
1000pF, 2kV
RD+
RCT
RD-
RX-
RX+
TX-
TX+
3
TCT 6
RD+
RD-
SHIELD
Schematics:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com