Electronic Components Datasheet Search
  English  ▼

X  

N5418 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # N5418
Description  RJ45 10/100 BASE-T Jack with Magnetic Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

N5418 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  N5418 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RJ45 10/100 BASE-T Jack with
Magnetic Module
• RoHS Compliant Product
• Inductance: 350µH Min @ 100KHz, 0.1V
RMS with 8mA DC
• Hipot: 1500V
RMS
• Operating Temp : 0°C to 70°C
• Custom design available
Product performance is limited to specified parameter. Data is subject to change without prior notice.
N5414, N5418
0623JW
Mechanical
Schematic
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
N5414, N5418
N5418
N5414
ELECTRICAL SPECIFICATION @ 25°C
PART NO
TURNS
INSERTION
RETURN LOSS
CROSS TALK
CMR
RATIO
LOSS
(dB) Typ
(dB) Typ
(dB) Typ
±2%
0.1-100MHz
MHz
MHz
MHz
TX
RX
(dB) Max
0.5-30
30-60
60-80
0.3-100
0.3-100
N5414
1CT:1
1CT:1
-1.1
-18
-14
-12
-40
-35
N5418
1CT:1
1CT:1
-1.1
-18
-14
-12
-40
-40
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com
RECOMMENDED PCB LAND PATTERN


Similar Part No. - N5418

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N5411B KEYSIGHT-N5411B Datasheet
1Mb / 16P
SATA 6 Gb/s Compliance Test Software
N5411B-1NL KEYSIGHT-N5411B-1NL Datasheet
4Mb / 41P
Infiniium 90000 Series Oscilloscopes
logo
List of Unclassifed Man...
N54122 ETC1-N54122 Datasheet
178Kb / 3P
RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Keysight Technologies
N5412D KEYSIGHT-N5412D Datasheet
3Mb / 12P
N5412D Serial Attached SCSI-3
N5412D-3NL KEYSIGHT-N5412D-3NL Datasheet
4Mb / 41P
Infiniium 90000 Series Oscilloscopes
More results

Similar Description - N5418

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
RJ45 10/100 BASE-T Jack with Magnetic Module
logo
Abracon Corporation
ARJ11B ABRACON-ARJ11B Datasheet
15Mb / 11P
10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11D ABRACON-ARJ11D Datasheet
6Mb / 5P
10/100 Base-T Jack with Magnetic Module
05.03.11
ARJ11G ABRACON-ARJ11G Datasheet
2Mb / 3P
10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ11B-MBSBQ-A ABRACON-ARJ11B-MBSBQ-A Datasheet
15Mb / 11P
RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MESCB-A ABRACON-ARJ11B-MESCB-A Datasheet
15Mb / 11P
RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11C-MASAB-B ABRACON-ARJ11C-MASAB-B Datasheet
5Mb / 8P
RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11C-MBSAT-A ABRACON-ARJ11C-MBSAT-A Datasheet
5Mb / 8P
RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11G-MASA-A ABRACON-ARJ11G-MASA-A Datasheet
2Mb / 3P
RJ45 10/100 Base-T Jack with Magnetic Module
04.22.13
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com