Electronic Components Datasheet Search
  English  ▼

X  

N5436 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # N5436
Description  Vertical Mount 10/100 BASE-T RJ45 Jack With Magnetic Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

N5436 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  N5436 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Space saving vertical mount configuration
• Available with a variety of internal magnetic filter designs to
support all PHYs
• Available with or without LEDs
• RoHS Compliant Product
• Hipot: 1500V
RMS
• Custom design and configuration available upon request
Product performance is limited to specified parameter. Data is subject to change without prior notice.
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
N5436
N5436
0852AL
Recommended PCB Land Pattern
ELECTRICAL SPECIFICATION @ 25°C
PART NO
TURNS
INSERTION
RETURN LOSS
CROSS TALK
CMR
RATIO
LOSS
(dB) Typ
(dB) Typ
(dB) Typ
±2%
0.3-100MHz
MHz
MHz
MHz
TX
RX
(dB) Max
1-30
30-60
60-100
1-100
1-100
N5436
1CT:1
1CT:1
-1.0
-20
-15
-10
-30
-30
Schematic
Dimension
Vertical Mount 10/100 BASE-T
RJ45 Jack With Magnetic Module
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - N5436

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5430 MPSIND-N5430 Datasheet
213Kb / 1P
RJ45 10/100/1000 Gigabit with Surge Protection
logo
Keysight Technologies
N5430A KEYSIGHT-N5430A Datasheet
6Mb / 8P
Infiniium User-Defined Function
N5430A KEYSIGHT-N5430A Datasheet
4Mb / 32P
Infiniium 9000 Series Oscilloscopes
N5430A-1NL KEYSIGHT-N5430A-1NL Datasheet
4Mb / 41P
Infiniium 90000 Series Oscilloscopes
N5430B-1FP KEYSIGHT-N5430B-1FP Datasheet
4Mb / 42P
Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - N5436

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
RJ45 10/100 BASE-T Jack with Magnetic Module
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
RJ45 10/100 BASE-T Jack with Magnetic Module
N5426 MPSIND-N5426 Datasheet
178Kb / 1P
Vertical Mount 10/100 BASE-T RJ45 Jack With Magnetic Module
N5437 MPSIND-N5437 Datasheet
165Kb / 1P
Vertical Mount 10/100 BASE-T RJ45 Jack With Magnetic Module
logo
Abracon Corporation
ARJ11B-MBSBQ-A ABRACON-ARJ11B-MBSBQ-A Datasheet
15Mb / 11P
RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MESCB-A ABRACON-ARJ11B-MESCB-A Datasheet
15Mb / 11P
RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11C-MASAB-B ABRACON-ARJ11C-MASAB-B Datasheet
5Mb / 8P
RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11C-MBSAT-A ABRACON-ARJ11C-MBSAT-A Datasheet
5Mb / 8P
RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11G-MASA-A ABRACON-ARJ11G-MASA-A Datasheet
2Mb / 3P
RJ45 10/100 Base-T Jack with Magnetic Module
04.22.13
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com